Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42426 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 35Page - Cirrus Logic CS42426 Datasheet HTML 36Page - Cirrus Logic CS42426 Datasheet HTML 37Page - Cirrus Logic CS42426 Datasheet HTML 38Page - Cirrus Logic CS42426 Datasheet HTML 39Page - Cirrus Logic CS42426 Datasheet HTML 40Page - Cirrus Logic CS42426 Datasheet HTML 41Page - Cirrus Logic CS42426 Datasheet HTML 42Page - Cirrus Logic CS42426 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39
CS42426
5.8
OMCK/PLL_CLK Ratio (address 07h) (Read Only)
5.8.1
OMCK/PLL_CLK RATIO (RATIOX)
Default = sixth
Function:
This register allows the user to find the exact absolute frequency of the recovered MCLK coming from
the PLL. This value is represented as an integer (RATIO7:6) and a fractional (RATIO5:0) part. For
example, an OMCK/PLL_CLK ratio of 1.5 would be displayed as 60h.
5.9
Clock Status (address 08h) (Read Only)
5.9.1
SYSTEM CLOCK SELECTION (ACTIVE_CLK)
Default = x
0 - Output of PLL
1 - OMCK
Function:
This bit identifies the source of the internal system clock (MCLK).
5.9.2
PLL CLOCK FREQUENCY (PLL_CLKX)
Default = xxxh
Function:
The CS42426 will auto-detect the ratio between the OMCK and the recovered clock from the PLL,
which is displayed in register 07h. Based on this ratio, the absolute frequency of the PLL clock can
be determined, and this information is displayed according to the following table. If the absolute fre-
quency of the PLL clock does not match one of the given frequencies, this register will display the
closest available value.
NOTE: These bits are set to ‘111’b when the FRC_PLL_LK bit is ‘1’b.
76543
210
RATIO7(21)RATIO6(20)RATIO5(2-1)RATIO4(2-2)RATIO3(2-3)RATIO2(2-4)RATIO1(2-5)RATIO0(2-6)
76543
210
Reserved
Reserved
Reserved
Reserved
Active_CLK
PLL_CLK2
PLL_CLK1
PLL_CLK0
PLL_CLK2
PLL_CLK1
PLL_CLK0
Description
00
0
8.1920 MHz
00
1
11.2896 MHz
01
0
12.288 MHz
01
1
16.3840 MHz
10
0
22.5792 MHz
10
1
24.5760 MHz
11
0
45.1584 MHz
11
1
49.1520 MHz
Table 13. PLL Clock Frequency Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com