Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 17Page - Cirrus Logic CS42448 Datasheet HTML 18Page - Cirrus Logic CS42448 Datasheet HTML 19Page - Cirrus Logic CS42448 Datasheet HTML 20Page - Cirrus Logic CS42448 Datasheet HTML 21Page - Cirrus Logic CS42448 Datasheet HTML 22Page - Cirrus Logic CS42448 Datasheet HTML 23Page - Cirrus Logic CS42448 Datasheet HTML 24Page - Cirrus Logic CS42448 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
DS648PP2
21
Notes: 16. After powering up the CS42448, RST should be held low after the power supplies and clocks are settled.
17. See Table 10 on page 46 and Table 11 on page 47 for suggested MCLK frequencies.
18. When operating in TDM interface format, VLS is limited to nominal 2.5 V to 5.0 V operation only.
19. ADC - I²S, Left-Justified, Right-Justified interface formats only. DAC - I²S, Left-Justified, Right-Justified
and Time Division Multiplexed interface formats only.
20. “LRCK” and “SCLK” shall refer to the ADC and DAC left/right clock and serial clock, respectively.
Master Mode
Output Sample Rate (LRCK)
All Speed Modes
Fs
-
MCLK / 256
kHz
LRCK Duty Cycle
45
55
%
SCLK Frequency
-
64 x Fs
MHz
SCLK Duty Cycle
45
55
%
LRCK Edge to SCLK Rising Edge
tlcks
-5
ns
SCLK Falling Edge to ADC_SDOUT Output Valid
tdpd
-35
ns
DAC_SDIN Setup Time Before SCLK Rising Edge
tds
3-
ns
DAC_SDIN Hold Time After SCLK Rising Edge
tdh1
5-
ns
Parameters (Note 20)
Symbol
Min
Max
Units
ADC_SDOUTx
DAC_SDINx
t
ds
SCLK
LRCK
MSB
t
dh
t
dpd
MSB-1
MSB
MSB-1
t
lcks
Figure 6. Serial Audio Interface Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com