Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42448 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 28Page - Cirrus Logic CS42448 Datasheet HTML 29Page - Cirrus Logic CS42448 Datasheet HTML 30Page - Cirrus Logic CS42448 Datasheet HTML 31Page - Cirrus Logic CS42448 Datasheet HTML 32Page - Cirrus Logic CS42448 Datasheet HTML 33Page - Cirrus Logic CS42448 Datasheet HTML 34Page - Cirrus Logic CS42448 Datasheet HTML 35Page - Cirrus Logic CS42448 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
32
DS648PP2
4.4
System Clocking
The CODEC (ADC & DAC) serial audio interface ports operate both as a slave or master. The serial ports
accept externally generated clocks in slave mode and will generate synchronous clocks derived from an
input master clock in master mode. In the TDM format the ADC and DAC serial ports will only operate as
a slave. In OLM #2 the serial ports will accept or output a 256Fs SCLK. See the registers “DAC Functional
Mode (DAC_FM[1:0])” on page 46 and “ADC Functional Mode (ADC_FM[1:0])” on page 46 for setting up
master/slave mode.
The CODEC requires external generation of the master clock (MCLK). The frequency of this clock must
be an integer multiple of, and synchronous with, the system sample rate, Fs.
The required integer ratios, along with some common frequencies, are illustrated in tables 2 to 4. The fre-
quency range of MCLK must be specified using the MFREQ bits in register “MCLK Frequency
(MFreq[2:0])” on page 46.
4.5
CODEC Digital Interface Formats
The ADC and DAC serial ports support the I²S, Left-Justified, Right-Justified, One-Line Mode (OLM) and
TDM digital interface formats with varying bit depths from 16 to 32 as shown in Figures 15-20. Data is
clocked out of the ADC on the falling edge of SCLK and clocked into the DAC on the rising edge. The
serial bit clock, DAC_SCLK and/or ADC_SCLK, must be synchronously derived from the master clock and
be equal to 256x, 128x, 64x, 48x or 32x Fs depending on the interface format selected and desired speed
mode. One Line Mode #1 and One Line Mode #2 will operate in master or slave mode. Refer to Table 5
for required clock ratios. The SCLK to sample rate (LRCK) ratios are shown in Tables 5 - 8.
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Table 2. Single-Speed Mode Common Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x
64
8.1920
12.2880
16.3840
24.5760
32.7680
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
Table 3. Double-Speed Mode Common Frequencies
Sample Rate
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x
176.4
11.2896
16.9344
22.5792
33.8688
45.1584
192
12.2880
18.4320
24.5760
36.8640
49.1520
Table 4. Quad-Speed Mode Common Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com