Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436-DMZ Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS42436-DMZ
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436-DMZ Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS42436-DMZ Datasheet HTML 58Page - Cirrus Logic CS42436-DMZ Datasheet HTML 59Page - Cirrus Logic CS42436-DMZ Datasheet HTML 60Page - Cirrus Logic CS42436-DMZ Datasheet HTML 61Page - Cirrus Logic CS42436-DMZ Datasheet HTML 62Page - Cirrus Logic CS42436-DMZ Datasheet HTML 63Page - Cirrus Logic CS42436-DMZ Datasheet HTML 64Page - Cirrus Logic CS42436-DMZ Datasheet HTML 65Page - Cirrus Logic CS42436-DMZ Datasheet HTML 66Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
DS647PP2
63
14 ORDERING INFORMATION
Product
Description
Package
Pb-Free
Grade
Temp Range
Container Order #
CS42436
6-in, 6-out, TDM CODEC
for Surround Sound Apps
52L-MQFP
YES
Commercial -10° to +70° C
Rail
CS42436-CMZ
Tape & Reel CS42436-CMZR
Automotive -40° to +85° C
Rail
CS42436-DMZ
Tape & Reel CS42436-DMZR
CDB42438 CS42436 Evaluation Board
-
-
-
-
-
CDB42438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com