Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42436-DMZ Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42436-DMZ
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436-DMZ Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42436-DMZ Datasheet HTML 39Page - Cirrus Logic CS42436-DMZ Datasheet HTML 40Page - Cirrus Logic CS42436-DMZ Datasheet HTML 41Page - Cirrus Logic CS42436-DMZ Datasheet HTML 42Page - Cirrus Logic CS42436-DMZ Datasheet HTML 43Page - Cirrus Logic CS42436-DMZ Datasheet HTML 44Page - Cirrus Logic CS42436-DMZ Datasheet HTML 45Page - Cirrus Logic CS42436-DMZ Datasheet HTML 46Page - Cirrus Logic CS42436-DMZ Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
DS647PP2
43
7
REGISTER DESCRIPTION
All registers are read/write except for the I.D. and Revision Register and Interrupt Status Register which
are read only. See the following bit definition tables for bit assignment information. The default state of
each bit after a power-up sequence or reset is listed in each bit description.
7.1
MEMORY ADDRESS POINTER (MAP)
Not a register
7.1.1
INCREMENT(INCR)
Default = 1
Function:
Memory address pointer auto increment control
0 - MAP is not incremented automatically.
1 - Internal MAP is automatically incremented after each read or write.
7.1.2
MEMORY ADDRESS POINTER (MAP[6:0])
Default = 0000001
Function:
Memory address pointer (MAP). Sets the register address that will be read or written by the control
port.
7.2
CHIP I.D. AND REVISION REGISTER (ADDRESS 01H) (READ ONLY)
7.2.1
CHIP I.D. (CHIP_ID[3:0])
Default = 0000
Function:
I.D. code for the CS42436. Permanently set to 0000.
7.2.2
CHIP REVISION (REV_ID[3:0])
Default = 0001
Function:
CS42436 revision level. Revision A is coded as 0001.
7
654
32
10
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0
7
654
32
10
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com