Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC4DHM
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DHM Datasheet(HTML) 5 Page - ON Semiconductor

  MAC4DHM Datasheet HTML 1Page - ON Semiconductor MAC4DHM Datasheet HTML 2Page - ON Semiconductor MAC4DHM Datasheet HTML 3Page - ON Semiconductor MAC4DHM Datasheet HTML 4Page - ON Semiconductor MAC4DHM Datasheet HTML 5Page - ON Semiconductor MAC4DHM Datasheet HTML 6Page - ON Semiconductor MAC4DHM Datasheet HTML 7Page - ON Semiconductor MAC4DHM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAC4DHM
http://onsemi.com
5
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Minimum Exponential Static dv/dt
versus Gate−MT1 Resistance
65
110
−40
TJ, JUNCTION TEMPERATURE (°C)
2.0
TJ, JUNCTION TEMPERATURE (°C)
20
110
−40
4.0
2.0
0
1000
10 K
100
GATE−MT1 RESISTANCE (OHMS)
40
30
20
15
5
1.0
0
−25
5.0
20
50
95
−25
5.0
8.0
10
12
4.0
3.0
5.0
80
50
65
MT2 POSITIVE
MT2 NEGATIVE
Q2
Q3
Q1
VD = 400 V
TJ = 110°C
MAC4DHM
6.0
−10
35
80
−10
35
95
Q4
Figure 10. Typical Critical Rate of Rise of
Commutating Voltage
1.0
0
di/dt(c), RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
10
1.0
0.1
2.0
3.0
VPK = 400 V
100°C
90°C
TJ = 110°C
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
4.0
5.0
6.0
10
25
35
Figure 11. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
−
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51 W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
di/dt(c)
CS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com