Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DHM Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC4DHM
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DHM Datasheet(HTML) 4 Page - ON Semiconductor

  MAC4DHM Datasheet HTML 1Page - ON Semiconductor MAC4DHM Datasheet HTML 2Page - ON Semiconductor MAC4DHM Datasheet HTML 3Page - ON Semiconductor MAC4DHM Datasheet HTML 4Page - ON Semiconductor MAC4DHM Datasheet HTML 5Page - ON Semiconductor MAC4DHM Datasheet HTML 6Page - ON Semiconductor MAC4DHM Datasheet HTML 7Page - ON Semiconductor MAC4DHM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC4DHM
http://onsemi.com
4
Figure 1. RMS Current Derating
Figure 2. On−State Power Dissipation
Figure 3. On−State Characteristics
Figure 4. Transient Thermal Response
Figure 5. Typical Gate Trigger Current versus
Junction Temperature
Figure 6. Typical Gate Trigger Voltage versus
Junction Temperature
2.5
4.0
0
IT(RMS), RMS ON−STATE CURRENT (AMPS)
110
105
100
IT(RMS), RMS ON−STATE CURRENT (AMPS)
3.0
4.0
0
4.0
2.0
1.0
0
4.0
0
VT, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
100
10
1.0
0.1
t, TIME (ms)
1.0
0.1
1.0
0.1
0.01
3.5
−25
20
−40
TJ, JUNCTION TEMPERATURE (°C)
8.0
3.0
2.0
0
TJ, JUNCTION TEMPERATURE (°C)
−25
65
−40
0.8
0.6
0.2
20
5.0
95
90
0.5
1.0
1.5
2.0
3.0
3.5
1.0
2.0
3.0
5.0
6.0
1.0
0.5
3.0
10
100
1000
10 K
50
110
65
4.0
5.0
110
35
50
0.4
80
5.0
dc
180°
120°
90°
60°
a = 30°
dc
180°
120°
90°
60°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 110°C
ZqJC(t) = RqJC(t)Sr(t)
Q3
Q2
Q1
Q3
Q2
Q1
α
α
a = CONDUCTION ANGLE
α
α
a = CONDUCTION ANGLE
a = 30°
1.0
1.0
2.5
3.5
0.5
1.5
2.5
2.0
1.5
−10
35
95
6.0
7.0
Q4
−10
95
80
Q4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com