Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S202 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 12Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 13Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS932S202
0600A—08/04/03
PD# Timing Diagram
The power down selection is used to put the part into a very low power state without turning off the power to the part.
PD# is an asynchronous active low input.This signal needs to be synchronized internal to the device prior to powering
down the clock synthesizer.
Internal clocks are not running after the device is put in power down.When PD# is active low all clocks need to be driven
to a low value and held prior to turning off the VCOs and crystal. The power up latency needs to be less than 3 mS.
The power down latency should be as short as possible but conforming to the sequence requirements shown below.
The REF and 48MHz clocks are expected to be stopped in the LOW state as soon as possible. Due to the state of the
internal logic, stopping and holding the REF clock outputs in the LOW state may require more than one clock cycle
to complete.
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS932S202device).
2. As shown, the outputs Stop Low on the next falling edge after PD# goes low.
3. PD# is an asynchronous input and metastable conditions may exist. This signal is synchronized inside this part.
4. The shaded sections on the VCO and the Crystal signals indicate an active clock.
5. Diagrams shown with respect to 133MHz. Similar operation when CPU is 100MHz.
CPUCLK
3V66
PCICLK
VCO
Crystal
PD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com