Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S202 Datasheet (PDF) - Integrated Circuit Systems

ICS932S202 Datasheet PDF - Integrated Circuit Systems
Part # ICS932S202
Download  ICS932S202 Download
File Size   105.86 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for Differential PIIIType Dual-CPU Systems

ICS932S202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S202 Datasheet PDF - Integrated Circuit Systems

Part # ICS932S202
Download  ICS932S202 Click to download

File Size   105.86 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Timing Generator for Differential PIIIType Dual-CPU Systems

ICS932S202 Datasheet (HTML) - Integrated Circuit Systems


ICS932S202 Product details

General Description
The ICS932S202 is a main clock synthesizer chip for Pentium II based systems using Rambus Interface DRAMs. This chip provides all the clocks required for such a system.

Features:
• Up to 180MHz frequency support
• Support power management: Power down Mode from I2C programming.
• Spread spectrum for EMI control ± 0.25% center spread).
• Uses external 14.318MHz crystal
• 5 - FS pins for frequency select

Output Features:
• 2 - CPUs @ 2.5V, up to 180MHz
• 2 - CPU chipset @ 2.5V, up to 180MHz
• 3 - IOAPIC @ 2.5V
• 3 - 3V66MHz @ 3.3V
• 11 - PCIs @ 3.3V
• 1 - 48MHz, @ 3.3V fixed
• 1 - 24/48MHz, @ 3.3V
• 2 - REF @ 3.3V




Similar Part No. - ICS932S202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS932S200YF-T ICST-ICS932S200YF-T Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
ICS932S200YG-T ICST-ICS932S200YG-T Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
More results


Similar Description - ICS932S202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
Frequency Timing Generator for PENDIUM II Systems
Rev C 7/28/99
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 2/5/00
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
Frequency Timing Generator for Dual Server/Workstation Systems
2019
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
Frequency Timing Generator for Transmeta Systems
2019
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
Frequency Timing Generator for Pentium II Systems
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com