Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S200 Datasheet (PDF) - Renesas Technology Corp

ICS932S200 Datasheet PDF - Renesas Technology Corp
Part # ICS932S200
Download  ICS932S200 Download
File Size   413.08 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Timing Generator for Dual Server/Workstation Systems

ICS932S200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S200 Datasheet PDF - Renesas Technology Corp

Part # ICS932S200
Download  ICS932S200 Click to download

File Size   413.08 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Timing Generator for Dual Server/Workstation Systems

ICS932S200 Datasheet (HTML) - Renesas Technology Corp


ICS932S200 Product details

Features
• Generates the following system clocks:
- 6 CPU clocks ( 2.5V, 100/133MHz)
- 6 PCI clocks, including 1 free running(3.3V,
33MHz)
- 3 IOAPIC clocks (2.5V, 16.67MHz)
- 2 Fixed frequency 66MHz clocks(3.3V, 66MHz)
- 2 REF clocks(3.3V, 14.318MHz)
- 1 USB clock (3.3V, 48MHz)
• Efficient power management through PD#,
CPU_STOP# and PCI_STOP#.
• 0.5% typical down spread modulation on CPU, PCI,
IOAPIC and 3V66 output clocks.
• Uses external 14.318MHz crystal.




Similar Part No. - ICS932S200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
ICS932S200YF-T ICST-ICS932S200YF-T Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
ICS932S200YG-T ICST-ICS932S200YG-T Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
More results


Similar Description - ICS932S200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
Frequency Timing Generator for PENDIUM II Systems
Rev C 7/28/99
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS932S202 ICST-ICS932S202 Datasheet
105Kb / 14P
Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
Frequency Timing Generator for Transmeta Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com