Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S200 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS932S200
Description  Frequency Timing Generator for Dual Server/Workstation Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S200 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS932S200 Datasheet HTML 1Page - Renesas Technology Corp ICS932S200 Datasheet HTML 2Page - Renesas Technology Corp ICS932S200 Datasheet HTML 3Page - Renesas Technology Corp ICS932S200 Datasheet HTML 4Page - Renesas Technology Corp ICS932S200 Datasheet HTML 5Page - Renesas Technology Corp ICS932S200 Datasheet HTML 6Page - Renesas Technology Corp ICS932S200 Datasheet HTML 7Page - Renesas Technology Corp ICS932S200 Datasheet HTML 8Page - Renesas Technology Corp ICS932S200 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS932S200
0427D—12/15/08
Pin Descriptions
Pin number
Pin name
Type
Description
1, 7, 8, 13, 19
20, 21, 24, 29,
38, 40, 44, 48,
52
GND
PWR
Gnd pins
3, 2
REF(1:0)
OUT
14.318MHz reference clock outputs at 3.3V
4,. 10, 16, 17,
22, 23, 27, 31,
39
VDD
PWR
Power pins 3.3V
5
X1
IN
XTAL_IN 14.318MHz crystal input
6
X2
OUT
XTAL_OUT Crystal output
9
PCICLK_F
OUT
Free running PCI clock not affected by PCI_STOP#
18, 15, 14,
12, 11
PCICLK (4:0)
OUT
PCI clock outputs at 3.3V. Synchronous to CPU clocks.
26, 25
3V66 (1:0)
OUT
66MHz outputs at 3.3V. These outputs are stopped when CPU_STOP# is
driven active..
28
SEL 133/100#
IN
This selects the frequency for the CPU and CPU/2 outputs. High =
133MHz, Low=100MHz
30
48MHz
OUT
Fixed 48MHz clock output. 3.3V
33, 32
SEL (1:0)
IN
Function select pins. See truth table for details.
34
SPREAD#
IN
Enables spread spectrum when active(Low). modulates all the CPU, PCI,
IOAPIC and 3V66 clocks. Does not affect the REF and 48MHz clocks.
0.5% down spread modulation.
35
PD#
IN
This asynchronous input powers down the chip when drive active(Low).
The internal PLLs are disabled and all the output clocks are held at a Low
state.
36
CPU_STOP#
IN
This asychronous input halts the CPUCLK and the 3V66 clocks at logic "0"
when driven active(Low).
37
PCI_STOP#
IN
This asynchronous input halts the PCICLK at logic"0" when driven
active(Low). PCICLK_F is not affected by this input.
43, 47, 51, 56
VDDL
PWR
Power pins 2.5V
50, 49, 46,
45, 42, 41
CPUCLK (5:0)
OUT
Host bus clock output at 2.5V. 133MHz or 100MHz depending on the state
of the SEL 133/100MHz.
55, 54, 53
IOAPIC (2:0)
OUT
IOAPIC clocks at 2.5V. Synchronous with CPUCLKs but fixed at
16.67MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com