Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S203 Datasheet (PDF) - Integrated Circuit Systems

ICS932S203 Datasheet PDF - Integrated Circuit Systems
Part # ICS932S203
Download  ICS932S203 Download
File Size   252.85 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator with 133MHz Differential CPU Clocks

ICS932S203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S203 Datasheet PDF - Integrated Circuit Systems

Part # ICS932S203
Download  ICS932S203 Click to download

File Size   252.85 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator with 133MHz Differential CPU Clocks

ICS932S203 Datasheet (HTML) - Integrated Circuit Systems


ICS932S203 Product details

Output Features:
• 4 Differential CPU Clock Pairs @ 3.3V
• 7 PCI (3.3V) @ 33.3MHz
• 3 PCI_F (3.3V) @ 33.3MHz
• 1 USB (3.3V) @ 48MHz
• 1 DOT (3.3V) @ 48MHz
• 1 REF (3.3V) @ 14.318MHz
• 1 3V66 (3.3V) @ 66.6MHz
• 1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
• 3 66MHz_OUT/3V66 (3.3V) @ 66.6MHz_IN or 66.6MHz
• 1 66MHz_IN/3V66 (3.3V) @ Input/66MHz Features:
• Supports spread spectrum modulation, down spread 0 to -0.5%.
• Efficient power management scheme through PD# and PCI_STOP#.
• Uses external 14.318MHz crystal
• Stop clocks and functional control available through SMBus interface. Key Specifications:
• CPU Output Jitter <150ps
• 3V66 Output Jitter <250ps
• CPU Output Skew <150ps

Recommended Application:
Servers based on Intel CK408 processors




Similar Part No. - ICS932S203

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS932S203 IDT-ICS932S203 Datasheet
248Kb / 18P
Frequency Generator with 133MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
More results


Similar Description - ICS932S203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS932S203 IDT-ICS932S203 Datasheet
248Kb / 18P
Frequency Generator with 133MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com