Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S203 Datasheet (PDF) - Renesas Technology Corp

ICS932S203 Datasheet PDF - Renesas Technology Corp
Part # ICS932S203
Download  ICS932S203 Download
File Size   624.87 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator with 133MHz Differential CPU Clocks

ICS932S203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S203 Datasheet PDF - Renesas Technology Corp

Part # ICS932S203
Download  ICS932S203 Click to download

File Size   624.87 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator with 133MHz Differential CPU Clocks

ICS932S203 Datasheet (HTML) - Renesas Technology Corp


ICS932S203 Product details

Output Features:
• 4 Differential CPU Clock Pairs @ 3.3V
• 7 PCI (3.3V) @ 33.3MHz
• 3 PCI_F (3.3V) @ 33.3MHz
• 1 USB (3.3V) @ 48MHz
• 1 DOT (3.3V) @ 48MHz
• 1 REF (3.3V) @ 14.318MHz
• 1 3V66 (3.3V) @ 66.6MHz
• 1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
• 3 66MHz_OUT/3V66 (3.3V) @ 66.6MHz_IN
or 66.6MHz
• 1 66MHz_IN/3V66 (3.3V) @ Input/66MHz
Features:
• Supports spread spectrum modulation,
down spread 0 to -0.5%.
• Efficient power management scheme through PD#
and PCI_STOP#.
• Uses external 14.318MHz crystal
• Stop clocks and functional control available through
SMBus interface.
Key Specifications:
• CPU Output Jitter <150ps
• 3V66 Output Jitter <250ps
• CPU Output Skew <150ps




Similar Part No. - ICS932S203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS932S203 IDT-ICS932S203 Datasheet
248Kb / 18P
Frequency Generator with 133MHz Differential CPU Clocks
More results


Similar Description - ICS932S203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS932S203 IDT-ICS932S203 Datasheet
248Kb / 18P
Frequency Generator with 133MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com