Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S203 Datasheet (PDF) - Integrated Device Technology

ICS932S203 Datasheet PDF - Integrated Device Technology
Part # ICS932S203
Download  ICS932S203 Download
File Size   248.9 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Frequency Generator with 133MHz Differential CPU Clocks

ICS932S203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S203 Datasheet PDF - Integrated Device Technology

Part # ICS932S203
Download  ICS932S203 Click to download

File Size   248.9 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Frequency Generator with 133MHz Differential CPU Clocks

ICS932S203 Datasheet (HTML) - Integrated Device Technology


ICS932S203 Product details

Output Features:
• 4 Differential CPU Clock Pairs @ 3.3V
• 7 PCI (3.3V) @ 33.3MHz
• 3 PCI_F (3.3V) @ 33.3MHz
• 1 USB (3.3V) @ 48MHz
• 1 DOT (3.3V) @ 48MHz
• 1 REF (3.3V) @ 14.318MHz
• 1 3V66 (3.3V) @ 66.6MHz
• 1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
• 3 66MHz_OUT/3V66 (3.3V) @ 66.6MHz_IN or 66.6MHz
• 1 66MHz_IN/3V66 (3.3V) @ Input/66MHz

Features:
• Supports spread spectrum modulation, down spread 0 to -0.5%.
• Efficient power management scheme through PD# and PCI_STOP#.
• Uses external 14.318MHz crystal
• Stop clocks and functional control available through SMBus interface.

Key Specifications:
• CPU Output Jitter <150ps
• 3V66 Output Jitter <250ps
• CPU Output Skew <150ps

Recommended Application:
Servers based on Intel CK408 processors




Similar Part No. - ICS932S203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
More results


Similar Description - ICS932S203

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com