Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S203 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS932S203
Description  Frequency Generator with 133MHz Differential CPU Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S203 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS932S203 Datasheet HTML 1Page - Renesas Technology Corp ICS932S203 Datasheet HTML 2Page - Renesas Technology Corp ICS932S203 Datasheet HTML 3Page - Renesas Technology Corp ICS932S203 Datasheet HTML 4Page - Renesas Technology Corp ICS932S203 Datasheet HTML 5Page - Renesas Technology Corp ICS932S203 Datasheet HTML 6Page - Renesas Technology Corp ICS932S203 Datasheet HTML 7Page - Renesas Technology Corp ICS932S203 Datasheet HTML 8Page - Renesas Technology Corp ICS932S203 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDTTM Frequency Generator with 133MHz Differential CPU Clocks
0601G—01/26/10
ICS932S203
Frequency Generator with 133MHz Differential CPU Clocks
2
Pin Description
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
6
2
,
9
1
,
4
1
,
8
,
1
0
5
,
6
4
,
7
3
,
2
3
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
21
Xt
u
p
n
I
l
a
t
s
y
r
C
2
Xt
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
32
X
l
a
t
s
y
r
C
1
X
t
u
p
t
u
O
t
u
p
t
u
o
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
5
,
6
,
7)
0
:
2
(
F
_
K
L
C
I
C
PT
U
O
.
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
r
o
f
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
,
7
2
,
0
2
,
5
1
,
9
,
4
7
4
,
1
4
,
6
3
,
1
3
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
,
3
1
,
6
1
,
7
1
,
8
1
0
1
,
1
1
,
2
1
)
0
:
6
(
K
L
C
I
C
PT
U
Os
t
u
p
t
u
o
k
c
o
l
c
I
C
P
1
2
,
2
2
,
3
2
)
0
:
2
(
T
U
O
_
z
H
M
6
6T
U
O.
t
u
p
n
i
N
I
_
z
H
M
6
6
m
o
r
f
T
U
O
_
z
H
M
6
6
d
e
r
e
f
f
u
b
z
H
M
6
6
)
2
:
4
(
6
6
V
3T
U
OO
C
V
l
a
n
r
e
t
n
i
m
o
r
f
,
s
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
6
6
4
2
N
I
_
z
H
M
6
6N
Is
k
c
o
l
c
I
C
P
d
n
a
T
U
O
_
z
H
M
6
6
d
e
r
e
f
f
u
b
o
t
t
u
p
n
i
z
H
M
6
6
5
_
6
6
V
3T
U
OO
C
V
l
a
n
r
e
t
n
i
m
o
r
f
,
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
6
6
5
2#
D
PN
I.
w
o
L
e
v
i
t
c
A
.
e
d
o
m
n
w
o
d
-
r
e
w
o
p
s
e
k
o
v
n
I
8
2#
D
G
R
W
P
_
t
t
V
N
I
e
n
i
m
r
e
t
e
d
o
t
d
e
s
u
e
b
o
r
t
s
e
v
i
t
i
s
n
e
s
l
e
v
e
l
a
s
i
t
u
p
n
i
L
T
T
V
L
V
3
.
3
s
i
h
T
e
b
o
t
y
d
a
e
r
e
r
a
d
n
a
d
il
a
v
e
r
a
s
t
u
p
n
i
0
L
E
S
I
T
L
U
M
d
n
a
]
2
:
0
[
S
F
n
e
h
w
d
e
l
p
m
a
s
)
w
o
l
e
v
i
t
c
a
(
9
2A
T
A
D
S
O
/
I
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
s
u
B
M
S
r
o
f
n
i
p
a
t
a
D
0
3K
L
C
S
N
I
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
s
u
B
M
S
f
o
n
i
p
k
c
o
l
C
3
30
_
6
6
V
3T
U
OO
C
V
l
a
n
r
e
t
n
i
m
o
r
f
,
s
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
6
6
4
3#
P
O
T
S
_
I
C
PN
I
t
p
e
c
x
e
w
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
K
L
C
I
C
P
s
t
l
a
H
g
n
i
n
n
u
r
e
e
r
f
e
r
a
h
c
i
h
w
F
_
K
L
C
I
C
P
5
3K
L
C
_
H
C
V
/
1
_
6
6
V
3T
U
O
h
g
u
o
r
h
t
e
l
b
a
t
c
e
l
e
s
t
u
p
t
u
o
V
3
.
3
I2C
r
o
O
C
V
l
a
n
r
e
t
n
i
m
o
r
f
z
H
M
6
6
e
b
o
t
)
C
S
S
-
n
o
n
(
z
H
M
8
4
8
3T
O
D
_
z
H
M
8
4T
U
OT
O
D
r
o
f
k
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
9
3B
S
U
_
z
H
M
8
4T
U
OB
S
U
r
o
f
k
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
5
5
,
0
4)
0
:
1
(
S
FN
In
o
i
t
c
e
l
e
s
e
d
o
M
r
o
f
t
u
p
n
i
V
3
.
3
l
a
i
c
e
p
S
2
4F
E
R
IT
U
O
n
i
p
s
i
h
T
.
s
r
i
a
p
K
L
C
U
P
C
e
h
t
r
o
f
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
e
h
t
s
e
h
s
il
b
a
t
s
e
n
i
p
s
i
h
T
e
h
t
h
s
il
b
a
t
s
e
o
t
r
e
d
r
o
n
i
d
n
u
o
r
g
o
t
d
e
i
t
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
a
s
e
r
i
u
q
e
r
.
t
n
e
r
r
u
c
e
t
a
i
r
p
o
r
p
p
a
3
40
L
E
S
T
L
U
MN
I
o
t
r
o
i
r
p
d
e
h
c
t
a
l
y
ll
a
n
r
e
t
n
i
n
e
h
t
d
n
a
p
u
-
r
e
w
o
p
n
o
d
e
s
n
e
s
s
i
t
u
p
n
i
0
L
E
S
T
L
U
M
.
s
k
c
o
l
c
z
H
M
8
1
3
.
4
1
V
3
n
o
t
u
p
t
u
o
r
o
f
d
e
s
u
g
n
i
e
b
n
i
p
e
h
t
3
5
,
1
5
,
8
4
,
4
4)
0
:
3
(
C
K
L
C
U
P
CT
U
O
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
4
5
,
2
5
,
9
4
,
5
4)
0
:
3
(
T
K
L
C
U
P
CT
U
O
d
n
a
s
t
u
p
t
u
o
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
6
5F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
Power Groups
(Analog)
VDDA = PLL1
VDD48 = 48MHz, PLL
VDDREF = VDD for Xtal, POR
(Digital)
VDDPCI
VDD3V66
VDDCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com