Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S203 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS932S203
Description  Frequency Generator with 133MHz Differential CPU Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S203 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS932S203 Datasheet HTML 9Page - Renesas Technology Corp ICS932S203 Datasheet HTML 10Page - Renesas Technology Corp ICS932S203 Datasheet HTML 11Page - Renesas Technology Corp ICS932S203 Datasheet HTML 12Page - Renesas Technology Corp ICS932S203 Datasheet HTML 13Page - Renesas Technology Corp ICS932S203 Datasheet HTML 14Page - Renesas Technology Corp ICS932S203 Datasheet HTML 15Page - Renesas Technology Corp ICS932S203 Datasheet HTML 16Page - Renesas Technology Corp ICS932S203 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDTTM Frequency Generator with 133MHz Differential CPU Clocks
0601G—01/26/10
ICS932S203
Frequency Generator with 133MHz Differential CPU Clocks
13
All 3V66 clocks are to be in phase with each other. All 66MHz_OUT clocks are to be in phase with each other. There is NO
phase relationship between the 3V66 clocks and the 66MHz_OUT and PCI clocks. In the case where 3V66_1 is configured
as 48MHz VCH clock, there is no defined phase relationship between 3V66_1/VCH and other 3V66 clocks. The PCI group
should lag 3V66 by the standard skew described below as Tpci.
The 66MHz_IN to 66MHz_OUT delay is shown in the figure below and is specified to be within a min and max propagation
value.
66MHz_IN
66MHz_OUT
PCICLK_F
3V66
Tpd
Tpci
No Relationship
Buffered Mode - 3V66[0:1], 66MHz_IN, 66MHz_OUT[0:2] and PCI Phase Relationship
Group Skews at Common Transition Edges: (Buffered Mode)
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V66
3V66
3V66 (1:0) pin to pin skew
0
500
ps
66MHz_OUT
66OUT
66MHz_OUT (2:0) pin to pin skew
0
175
ps
PCI
PCI
PCI_F (2:0) and PCI (6:0) pin to pin skew
0
500
ps
66MHz_IN 66MHz_OUT
Tpd
Propogation delay from 66MHz_IN to
66MHz_OUT (2:0)
2.5
4.5
ns
66MHz_OUT to PCI
Tpci
66MHz_OUT (2:0) leads 33 MHz PCI
1.5
3.5
ns
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com