Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-61 Datasheet (PDF) - Renesas Technology Corp

ICS9248-61 Datasheet PDF - Renesas Technology Corp
Part # ICS9248-61
Download  ICS9248-61 Download
File Size   421.22 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Timing Generator for Pentium II Systems

ICS9248-61 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-61 Datasheet PDF - Renesas Technology Corp

Part # ICS9248-61
Download  ICS9248-61 Click to download

File Size   421.22 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Timing Generator for Pentium II Systems

ICS9248-61 Datasheet (HTML) - Renesas Technology Corp


ICS9248-61 Product details

Features
• Generates the following system clocks:
- 2CPU(2.5V) up to 100MHz.
- 7 PCI(3.3V) @ 33.3MHz (Includes one free running).
- 2 REF clks Fixed (3.3V) 48MHz at 14.318MHz.
• Skew characteristics:
- CPU – CPU<175ps
- PCI – PCI < 250ps
- PCI_E (early) – PCI = 2.1ns
- CPU(early) – PCI = 1.5ns – 4ns
• Supports Spread Spectrum modulation for CPU and PCI
clocks, 0.5% down spread
• Efficient Power management scheme through stop clocks
and power down modes.
• Uses external 14.318MHz crystal, no external load cap
required for CL=18pF crystal.
• 28 pin 209mil SSOP.




Similar Part No. - ICS9248-61

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
More results


Similar Description - ICS9248-61

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com