Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643D Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29BDS643D
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29BDS643D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 43Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 44Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Am29BDS643D
41
PRELI M INARY
AC CHARACTERISTICS
Wait State Decoding Addresses:
A13, A12 = “11”
⇒ 3 programmed, 7 total
A13, A12 = “10”
⇒ 2 programmed, 6 total
A13, A12 = “01”
⇒ 1 programmed, 5 total
A13, A12 = “00”
⇒ 0 programmed, 4 total
Note: Figure assumes that PS is not enabled, and address D0 is not at an address boundary.
Figure 20.
Example of Five Wait States Insertion (Non-Handshaking Device)
A/DQ0:
A/DQ15
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following AVD# falling edge
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com