Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS643D Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29BDS643D
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643D Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29BDS643D Datasheet HTML 1Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 2Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 3Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 4Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 5Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
PRELIMINARY
This Data Sheet states AMD’s current technical specifications regarding the Product described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 23709
Rev: A Amendment/+3
Issue Date: December 21, 2000
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29BDS643D
64 Megabit (4 M x 16-Bit)
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single 1.8 volt read, program and erase (1.7 to
1.9 volt)
s Multiplexed Data and Address for reduced I/O
count
— A0–A15 multiplexed as D0–D15
— Addresses are latched with AVD# control inputs
while CE# low
s Simultaneous Read/Write operation
— Data can be continuously read from one bank
while executing erase/program functions in other
bank
— Zero latency between read and write operations
s Read access times at 54 MHz/40 MHz
— Burst access times of 13.5/20 ns @ 30 pF
at industrial temperature range
— Asynchronous random access times
of 90/90 ns @ 30 pF
— Synchronous random access times
of 106/120 ns @ 30 pF
s Burst length
— Continuous linear burst
s Power dissipation (typical values, 8 bits
switching, CL = 30 pF)
— Burst Mode Read: 25 mA
— Simultaneous Operation: 40 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
s Sector Architecture
— Eight 4 Kword sectors and one hundred
twenty-seven 32 Kword sectors
— Bank A contains the eight 4 Kword sectors and
thirty-one 32 Kword sectors
— Bank B contains ninety-six 32 Kword sectors
s Sector Protection
— Software command sector locking
— WP# protects the last two boot sectors
— All sectors locked when VPP = VIL
s Handshaking feature
— Provides host system with minimum possible
latency by monitoring RDY
s Software command set compatible with JEDEC
42.4 standards
— Backwards compatible with Am29F and Am29LV
families
s Minimum 1 million erase cycle guarantee
per sector
s 20-year data retention at 125
°C
— Reliable operation for the life of the system
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
s Data# Polling and toggle bits
— Provides a software method of detecting
program and erase operation completion
s Erase Suspend/Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Hardware reset input (RESET#)
— Hardware method to reset the device for reading
array data
s CMOS compatible inputs, CMOS compatible
outputs
s Low VCC write inhibit
s 48-Ball FBGA package


Similar Part No. - AM29BDS643D

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643GT5GVAI SPANSION-AM29BDS643GT5GVAI Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643GT5GVAI AMD-AM29BDS643GT5GVAI Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643GT5KVAI SPANSION-AM29BDS643GT5KVAI Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Similar Description - AM29BDS643D

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com