Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4989D
Description  LOW POWER VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989D Datasheet(HTML) 3 Page - STMicroelectronics

  L4989D Datasheet HTML 1Page - STMicroelectronics L4989D Datasheet HTML 2Page - STMicroelectronics L4989D Datasheet HTML 3Page - STMicroelectronics L4989D Datasheet HTML 4Page - STMicroelectronics L4989D Datasheet HTML 5Page - STMicroelectronics L4989D Datasheet HTML 6Page - STMicroelectronics L4989D Datasheet HTML 7Page - STMicroelectronics L4989D Datasheet HTML 8Page - STMicroelectronics L4989D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
L4989
ABSOLUTE MAXIMUM RATINGS
Note:
Maximum ratings are absolute ratings; exceeding any one of these values may cause perma-nent damage to the integrated circuit.
THERMAL DATA
(*) with 6 sq. cm on board heat sink
ELECTRICAL CHARACTERISTICS (Vs = 5.6V to 31V, Tj = -40°C to +150°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VVsdc
DC supply voltage
-0.3 to 40
V
IVsdc
Input current
internally limited
VVo
DC output voltage
-0.3 to 6
V
IVo
DC output current
internally limited
VWi
Watchdog input voltage
-0.3 to VVo + 0.3
V
Vod
Open drain output voltage (RES)
-0.3 to VVo + 0.3
V
Iod
Open drain output current (RES)
internally limited
Vcr
Reset delay voltage
-0.3 to VVo + 0.3
V
Vcw
Watchdog delay voltage
-0.3 to VVo + 0.3
V
VWEn
Watchdog enable input
-0.3 to 40
V
Tj
Junction temperature
-40 to 150
°C
VESD
ESD voltage level (HBM-MIL STD 883C)
±2kV
Symbol
Parameter
SO8
SO12+4+4
Unit
Rth-j amb
Thermal Resistance Junction to ambient
130 to 180
50(*)
°C/W
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GENERAL
Vo
Vo_ref
Output voltage
Vs=5.6 to 31V
Io=1 to 150mA
4.85
5.00
5.15
V
Vo
Ishort_13
Short circuit current (1)
Vs=13.5V
160
210
250
mA
Vo
Ilim
Output current limitation (1)
Vs=13.5V
170
250
290
mA
Vs, Vo
Vline
Line regulation voltage
Vs=5.6 to 31V
Io=1 to 150mA
25
mV
Vo
Vload
Load regulation voltage
Io=1 to 150mA
25
mV
Vs, Vo
Vdp
Drop voltage
Io=150mA
180
400
mV
Vs, Vo
SVR
Ripple rejection
fr = 100 Hz
55
dB
Vs, Vo
Iqs_1
Current consumption
with watchdog not active
Iqs_1 = IVs – Io
Vs=13.5V, Io<1mA,
WEn low
69
115
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com