Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4989D
Description  LOW POWER VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989D Datasheet(HTML) 5 Page - STMicroelectronics

  L4989D Datasheet HTML 1Page - STMicroelectronics L4989D Datasheet HTML 2Page - STMicroelectronics L4989D Datasheet HTML 3Page - STMicroelectronics L4989D Datasheet HTML 4Page - STMicroelectronics L4989D Datasheet HTML 5Page - STMicroelectronics L4989D Datasheet HTML 6Page - STMicroelectronics L4989D Datasheet HTML 7Page - STMicroelectronics L4989D Datasheet HTML 8Page - STMicroelectronics L4989D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
L4989
WATCHDOG
WEn
VOLTAGE REGULATOR
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this structure a very
low dropout voltage at current up to 150mA is obtained. The output voltage is regulated up to transient
input supply voltage of 40V. No functional interruption due to over-voltage pulses is generated.
The voltage Regulator is always active and not depending on the state of WEn input pin.
A short circuit protection to GND is provided.
Figure 1. Behavior of output current versus regulated voltage Vo
Pin
Symbol
Parameter
Test condition
min
typ
max
Unit
Wi
Vih
Input high voltage
Vs=13.5V
3.5
V
Wi
Vil
Input low voltage
Vs=13.5V
1.5
V
Wi
Vih
Input hysteresis
Vs=13.5V
500
mV
Wi
Rwi
Pull down resistor
Vs=13.5V
30
100
250
k
Vcw
Vwhth
Low threshold
Vs=13.5V
10%
13%
16%
Vo_ref
Vcw
Vwlth
High threshold
Vs=13.5V
44%
47%
50%
Vo_ref
Vcw
Icwc
Charge current
Vs=13.5V, Vcw=0.1V
5
10
20
µA
Vcw
Icwd
Discharge current
Vs=13.5V, Vcw=2.5V
1.25
2.5
5
µA
Vcw
Twop
Watchdog period
Vs=13.5V, Ctw=47nF
20
40
80
ms
Res
twol
Watchdog output low time
Vs=13.5V, Ctw=47nF
4
8
16
ms
Pin
Symbol
Parameter
Test condition
min
typ
max
Unit
WEn
VWEn_low
WEn input low voltage
1
V
WEn
VWEn_high
WEn input high voltage
3
V
WEn
VWEn_hyst
WEn input hysteresis
600
920
1300
mV
WEn
RWEn
Pull down current
Vs=13.5V
1
2.5
5
µA
Vo
Vo_ref
Iout
Ishort Ilim
Vo
Vo_ref
Iout
Ishort Ilim



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com