Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ50-R71 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5258BRMZ50-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ50-R71 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5258BRMZ50-R71 Datasheet HTML 5Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 6Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 7Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 8Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 9Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 10Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 11Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 12Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5258
Rev. 0 | Page 9 of 24
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
8
16
24
65
40
48
56
64
CODE (Decimal)
–40
°C
+25
°C
+85
°C
Figure 12. R-INL vs. Code vs. Temperature
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
8
16
24
65
40
48
56
64
CODE (Decimal)
–40
°C
+85
°C
+25
°C
Figure 13. R-DNL vs. Code vs. Temperature
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
–0.40
–0.45
–0.50
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
FSE @ VDD = 2.7V
FSE @ VDD = 5.5V
Figure 14. Full-Scale Error vs. Temperature
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
ZSE @ VDD = 2.7V
ZSE @ VDD = 5.5V
Figure 15. Zero-Scale Error vs. Temperature
1
0.1
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
VDD = 5.5V
Figure 16. Supply Current vs. Temperature
6
0
1
2
3
4
5
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.7V
Figure 17. Logic Supply Current vs. Temperature vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com