Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5258BRMZ50-R71 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5258BRMZ50-R71
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ50-R71 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5258BRMZ50-R71 Datasheet HTML 13Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 14Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 15Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 16Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 17Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 18Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 19Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 20Page - Analog Devices AD5258BRMZ50-R71 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5258
Rev. 0 | Page 17 of 24
WRITE MODES
Table 8. Writing to RDAC Register
S
7-Bit Device Address
(See Table 5)
0
SA
0
0
0
0
0
0
0
0
SA
X
X
D5
D4
D3
D2
D1
D0
SA
P
Slave Address Byte
Instruction Byte
Data Byte
Table 9. Writing to EEPROM Register
S
7-Bit Device Address
(See Table 5)
0
SA
0
0
1
0
0
0
0
0
SA
X
X
D5
D4
D3
D2
D1
D0
SA
P
Slave Address Byte
Instruction Byte
Data Byte
The wiper’s default value, prior to programming the EEPROM, is midscale.
Table 10. Activating/Deactivating Software Write Protect
S
7-Bit Device Address
(See Table 5)
0
SA
0
1
0
0
0
0
0
0
SA
0
0
0
0
0
0
0
WP
SA
P
Slave Address Byte
Instruction Byte
Data Byte
In order to activate the write protection mode, the WP bit in Table 10 must be logic high. In order to deactivate the write protection, the
command must be sent again except with the WP in logic zero state.
READ MODES
Read modes are referred to as traditional because the first two
bytes for all three cases are “dummy” bytes which function to
place the pointer towards the correct register. This is the reason
for the repeat start. In theory, this step can be avoided if the
user is interested in reading a register that was previously
written to. For example, if the EEPROM was just written to,
then the user can skip the two dummy bytes and proceed
directly to the slave address byte followed by the EEPROM
readback data.
Table 11. Traditional Readback of RDAC Register Value
S
7-Bit Device Address
(See Table 5)
0
SA
0
0
0
0
0
0
0
0
SA
S
7-Bit Device Address
(See Table 5)
1 SA X
X D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Read Back Data
↑
Repeat start
Table 12. Traditional Readback of Stored EEPROM Value
S
7-Bit Device Address
(See Table 5)
0
SA
0
0
1
0
0
0
0
0
SA
S
7-Bit Device Address
(See Table 5)
1 SA X
X D5 D4 D3 D2 D1 D0 NA P
Slave Address Byte
Instruction Byte
Slave Address Byte
Read Back Data
↑
Repeat start
STORE/RESTORE MODES
Table 13. Storing RDAC Value to EEPROM
S
7-Bit Device Address
(See Table 5)
0 SA 1 1 0 0 0 0 0 0 SA P
Slave Address Byte
Instruction Byte
Table 14. Restoring EEPROM to RDAC
S
7-Bit Device Address
(See Table 5)
0 SA 1 0 1 0 0 0 0 0 SA P
Slave Address Byte
Instruction Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com