Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD7343CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD7343CS
Description  FM STEREO MULTIPLEX DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD7343CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD7343CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicore
CD7343CS
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/5
MAXIMUM RATINGS
Characteris tics
Sym bol
Va lue
Unit
Supply Vo lt age
Vcc
12
V
La mp Vo ltage
VLAMP
16
V
Lamp Current (Co n ti nu ous)
ILAMP
20
m A
Power Diss ipation
P D
500
m W
Operating Ambient Te m p erature Range
Topr
-25~7 5
° C
St orage Te m p erature Range
Ts tg
-55~1 50
° C
ELECTRI CAL CH ARACTERISTICS
(Unless otherwise specified Vcc=8V,Ta mb=25°C,f=1kHz)
Characteris tic
Sym bol
Te st Co nd it ion
Min.
Ty p. Max.
Unit
Quiescent Circuit
Current
ICCQ
Vi =0
11
18
m A
Maximu m Inpu t
Vo ltage
Vi (m ax) L+R=90 %, P=10%,THD =1%
900
m V
Chan nel Se paratio n
Sep
L+R=18 0m V, Vp=20 m V
36
45
dB
To tal Harm onic
Distortion (m ono)
THD1
Vi =200m V
0.08
0.3
%
To tal Harm onic
Distortion (stereo)
THD2
L+R=18 0m V, Vp=20 m V
0.08
%
Vo ltage Gai n
Av
Vi =200m V
-2.0
0
2.0
dB
Chan nel Ba lance
CB
Vi =200m V
0
1.5
dB
La mp ON l e vel
V L( ON)
Pilot only
9
15
m V
La mp OFF level
V L ( O FF) Pilot only
2
6
m V
La mp Hysteresis
V HY
3
m V
19kHz
34
dB
Carrier Leakage
CL
L+R=18 0m V
Vp=20mV
38kHz
42
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com