Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD7343CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD7343CS
Description  FM STEREO MULTIPLEX DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD7343CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD7343CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CD7343CS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicore
CD7343CS
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
3/5
TEST CI RCUI T
10uF
SW1
V1
SG
330K
2.2uF
Vcc=8V
~
V2
Hz
~
4.7uF
4.7uF
SW3
SW3
SW2
BPF
3.3K
V3
Hz
~
IN
CD7343CS
9
1
2
3
4
5
6
7
8
C1
C2
C4
R2
BPF:
19kHz ≤ 55dB
38 kHz ≤ 5 5dB L.P. F
APPLICATION INFORMATION (refer to test circuit)
External Components
1. Input cou p l i ng capa c it or (C1)
The rec o m m e nded v a lue is 10
µF. If smaller values than 10µF are used, low
frequency s e parati on will worsens , and if l a rg e values a r e used ,POP noise occ u rs
strongly.
2.
L o w Pass Filter (C2, C1, R1)
This is the low Pass filter for the PLL, which is det e rm ined the capt u re range
and THD at low freque ncy.
3.
VCO n e twork (C4 , R2, R7)
The VCO free runni ng frequency is adjust ed by conne cti ng a freque ncy coun ter
to monitor the 38kHz out put of Pin6 .
4.
Dec o d e r Output (Pin8, 9)
These c o m pone nts provi de R i g h t an d L e ft chan nel Ou tput l o ad c i rcuits . T h e
reco m m e nded circ uits as follows:
4.7uF
1nF
400mH
2.2K
68nF
From
Pin 8,9
Output
4.7uF
From
Pin 8,9
Output
LPF
19kHz<55dB
38kHz<55dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com