Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU10VFC-R07088 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SU10VFC-R07088
Description  Common Mode SU Coils, 10VFC-R Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU10VFC-R07088 Datasheet(HTML) 3 Page - Kemet Corporation

  SU10VFC-R07088 Datasheet HTML 1Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 2Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 3Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 4Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 5Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 6Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0018_SU10VFC-R • 1/7/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SU Coils, 10VFC-R Series
Dimensions – Millimeters
ø0.70
18.0 Maximum
15.5 Maximum
10±0.5
13±0.5
13
N2
N1
Marking
Environmental Compliance
AllKEMETAClinefiltersareRoHSCompliant.
Performance Characteristics
Item
Performance Characteristics
RatedVoltage
250 VAC
WithstandingVoltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
RatedCurrentRange
0.3 – 2.0 A
RatedInductanceRange
1 – 37 mH minimum
Inductance Measurement Condition
1kHz
Thermal Class
E(120°C)
OperatingTemperatureRange
−25°Cto+120°C(includeselftemperaturerise)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com