Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU10VFC-R07088 Datasheet(PDF) 4 Page - Kemet Corporation

Part # SU10VFC-R07088
Description  Common Mode SU Coils, 10VFC-R Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU10VFC-R07088 Datasheet(HTML) 4 Page - Kemet Corporation

  SU10VFC-R07088 Datasheet HTML 1Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 2Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 3Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 4Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 5Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 6Page - Kemet Corporation SU10VFC-R07088 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0018_SU10VFC-R • 1/7/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SU Coils, 10VFC-R Series
Table 1 – Ratings & Part Number Reference
Part Number
Rated Current
(A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SU10VFC-R03370
0.3
37.0
4.20
45
R03LotNo.
6.5
SU10VFC-R04250
0.4
25.0
2.80
45
R04LotNo.
6.5
SU10VFC-R05140
0.5
14.0
1.60
45
R05LotNo.
6.4
SU10VFC-R07088
0.7
8.8
1.10
50
R07LotNo.
6.3
SU10VFC-R10045
1.0
4.5
0.55
50
R10LotNo.
6.4
SU10VFC-R13025
1.3
2.5
0.30
50
R13LotNo.
6.6
SU10VFC-R15019
1.5
1.9
0.24
50
R15LotNo.
6.5
SU10VFC-R17016
1.7
1.6
0.21
55
R17LotNo.
6.2
SU10VFC-R20010
2.0
1.0
0.15
55
R20LotNo.
6.2
Frequency Characteristics
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU10VFC-R03370
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU10VFC-R04250
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU10VFC-R05140
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU10VFC-R07088
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU10VFC-R10045
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SU10VFC-R13025



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com