Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPJ-2W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPJ-2W
Description  2W 6KVDC Isolated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ-2W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPJ-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPJ-2W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPJ-2W series are miniature, 6KVDC isolated 2W DC-DC converters in a SIP package with single and dual output voltage.
They offer the ideal solution in many space critical applications for board level power distribution. The internal SMD construction makes it
possible to offer a product with high performance at low cost. The series offers smaller size, improved efficiency, lower output ripple noise.
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency (Min.)
V
V
mA
%
TPJ0505S-2W
5
±5
±200/±20
73
TPJ0509S-2W
5
±9
±110/±11
75
TPJ0512S-2W
5
±12
±84/±8.4
76
TPJ0515S-2W
5
±15
±68/±6.8
76
TPJ1205S-2W
12
±5
±200/±20
73
TPJ1209S-2W
12
±9
±110/±11
75
TPJ1212S-2W
12
±12
±84/±8.4
76
TPJ1215S-2W
12
±15
±68/±6.8
76
TPJ2405S-2W
24
±5
±200/±20
75
TPJ2412S-2W
24
±12
±84/±8.4
80
TPJ2415S-2W
24
±15
±68/±6.8
79
TPJ0303SA-2W
3.3
3.3
606/60.6
65
TPJ0503SA-2W
5
3.3
606/60.6
66
TPJ0505SA-2W
5
5
400/40
67
TPJ0509SA-2W
5
9
222/22.2
72
TPJ0512SA-2W
5
12
166/16.6
75
TPJ0515SA-2W
5
15
133/13.3
75
TPJ1205SA-2W
12
5
400/40
66
TPJ1209SA-2W
12
9
222/22.2
68
TPJ1212SA-2W
12
12
166/16.6
75
TPJ1215SA-2W
12
15
133/13.3
75
TPJ1515SA-2W
15
15
133/13.3
75
TPJ2403SA-2W
24
3.3
606/60.6
65
TPJ2405SA-2W
24
5
400/40
67
TPJ2409SA-2W
24
9
222/22.2
77
TPJ2412SA-2W
24
12
167/16.7
80
TPJ2415SA-2W
24
15
133/13.3
79
Add suffix “P” for continuous short circuit protection, for example TPJ0505SP-2W.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Voltage range
15V input
13.5
15
16.5
V
Voltage range
24V input
21.6
24
26.4
V
FEATURES
RoHS compliant
Single and dual outputs
UL 94V-0 package material
Operating temperature: -40ºC to 105ºC
Footprint 1.91cm2
SIP package style
No heatsink required
6KVDC isolation
Custom solutions available
Input voltage: 3.3V, 5V ,12V,15V,24V
Output voltage: 3.3V, 5V, 9V, 12V ,15V / ±5V, ±9V, ±12V ,±15V
CE certification
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
Ten minutes
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage Vin, TPJ03
5V
Input voltage Vin, TPJ05
7V
Input voltage Vin, TPJ12
15V
Input voltage Vin, TPJ24
28V
TOPPOWER


Similar Part No. - TPJ-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPJ-2W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPJ TOPPOWER-TPJ Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ_19 Datasheet
701Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ_V01 Datasheet
754Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com