Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPH0509DA-3W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPH0509DA-3W
Description  3W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH0509DA-3W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPH0509DA-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH0509DA-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH0509DA-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH0509DA-3W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPH-3W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The TPH-3W series are miniature, isolated 2W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low cost.
The series offers smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
3W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant
Efficiency up to 86%
Power density up to 1.44W/cm3
Operating temperature: -40ºC to 105ºC
Dual output from a single input rail
UL 94V-0 package material
Power sharing on output
3KVDC isolation
Industry standard pinout
Input voltage:3.3V,5V,12V,15V, 24V, 48V
Output voltage: ±5V,±9V,±12V, ±15V,±24V / 3.3V,5V,9V,12V,15V, 24V
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPH0505D-3W
5
±5
±300/±30
80
DIP
TPH0509D-3W
5
±9
±166.5/±16.65
80
DIP
TPH0512D-3W
5
±12
±125/±12.5
81
DIP
TPH0515D-3W
5
±15
±100/±10
84
DIP
TPH0505S-3W
5
±5
±300/±30
80
SIP
TPH0509S-3W
5
±9
±166.5/±16.65
80
SIP
TPH0512S-3W
5
±12
±125/±12.5
82
SIP
TPH0515S-3W
5
±15
±100/±10
83
SIP
TPH0524S-3W
5
±24
±62.5/±6.25
84
SIP
TPH1205D-3W
12
±5
±300/±30
80
DIP
TPH1209D-3W
12
±9
±166.5/±16.65
83
DIP
TPH1212D-3W
12
±12
±125/±12.5
84
DIP
TPH1215D-3W
12
±15
±100/±10
86
DIP
TPH1224D-3W
12
±24
±62.5/±6.25
85
SIP
TPH1205S-3W
12
±5
±300/±30
80
SIP
TPH1209S-3W
12
±9
±166.5/±16.65
83
SIP
TPH1212S-3W
12
±12
±125/±12.5
84
SIP
TPH1215S-3W
12
±15
±100/±10
86
SIP
TPH1224S-3W
12
±24
±62.5/±6.25
85
SIP
TPH1505D-3W
15
±5
±300/±30
80
DIP
TPH1505S-3W
15
±5
±300/±30
80
SIP
TPH1515S-3W
15
±15
±100/±10
86
SIP
TPH2405D-3W
24
±5
±300/±30
80
DIP
TPH2409D-3W
24
±9
±166.5/±16.65
85
DIP
TPH2412D-3W
24
±12
±125/±12.5
86
DIP
TPH2415D-3W
24
±15
±100/±10
86
DIP
TPH2424D-3W
24
±24
±62.5/±6.25
85
DIP
TPH2405S-3W
24
±5
±300/±30
82
SIP
TPH2409S-3W
24
±9
±166.5/±16.65
85
SIP
TPH2412S-3W
24
±12
±125/±12.5
85
SIP
TPH2415S-3W
24
±15
±100/±10
85
SIP
TPH2424S-3W
24
±24
±62.5/±6.25
85
SIP
TPH4805D-3W
48
±5
±300/±30
82
DIP
TPH4809D-3W
48
±9
±166.5/±16.65
82
DIP
TPH4812D-3W
48
±12
±125/±12.5
85
DIP
TPH4815D-3W
48
±15
±100/±10
85
DIP
TPH4805S-3W
48
±5
±300/±30
82
SIP
TPH4809S-3W
48
±9
±166.5/±16.65
83
SIP
TPH4812S-3W
48
±12
±125/±12.5
85
SIP
TPH4815S-3W
48
±15
±100/±10
84
SIP
TOPPOWER


Similar Part No. - TPH0509DA-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH0509DA TOPPOWER-TPH0509DA Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPH0509DA-3W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
3kVDC Isolated 3W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
3W 3KVDC Isolated Single Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com