Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPH0509DA-3W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPH0509DA-3W
Description  3W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH0509DA-3W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPH0509DA-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH0509DA-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH0509DA-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH0509DA-3W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPH-3W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V & 5V input
90
kHz
Switching frequency
12V input
90
kHz
Switching frequency
15V input
90
kHz
Switching frequency
24V & 48V input
90
kHz
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA=-40°C to 85°C
3
W
Voltage Set Point Accuracy
TPH0505D/S
-5
7.5
%
Voltage Set Point Accuracy
All other types
-5
5
%
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.2
%
Load Regulation(10% load to rated load)
5V output
10
%
Load Regulation(10% load to rated load)
9V output
10
%
Load Regulation(10% load to rated load)
12V output
10
%
Load Regulation(10% load to rated load)
15V output
10
%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
3000
VDC
Resistance
Viso= 1000V
1
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current(Max./Min)
Efficiency
Package Style
V
V
mA
%
TPH0303DA-3W
3.3
3.3
909/90.9
73
DIP
TPH0305DA-3W
3.3
5
600/60
79
DIP
TPH0503DA-3W
5
3.3
909/90.9
74
DIP
TPH0505DA-3W
5
5
600/60
80
DIP
TPH0509DA-3W
5
9
333/33.3
80
DIP
TPH0512DA-3W
5
12
250/25
81
DIP
TPH0515DA-3W
5
15
200/20
84
DIP
TPH1205DA-3W
12
5
600/60
80
DIP
TPH1209DA-3W
12
9
333/33.3
83
DIP
TPH1212DA-3W
12
12
250/25
84
DIP
TPH1215DA-3W
12
15
200/20
86
DIP
TPH1224DA-3W
12
24
125/12.5
87
DIP
TPH2405DA-3W
24
5
600/60
80
DIP
TPH2409DA-3W
24
9
333/33.3
85
DIP
TPH2412DA-3W
24
12
250/25
86
DIP
TPH2415DA-3W
24
15
200/20
86
DIP
TPH2424DA-3W
24
24
125/12.5
85
DIP
TPH4805DA-3W
48
5
600/60
82
DIP
TPH4809DA-3W
48
9
333/33.3
82
DIP
TPH4812DA-3W
48
12
250/25
85
DIP
TPH4815DA-3W
48
15
200/20
85
DIP
Add suffix “P” for continuous short circuit protection, for example TPH0505SP-3W.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Voltage range
24V input
22
24
26
V
Voltage range
48V input
43
48
53
V
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com