Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSS2C Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PSSS2C
Description  Mounting Clamps for Tripp Lite PS- and SS-Series Bench-Mount Power Strips - Pack of 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PSSS2C Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PSSS2C Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PSSS2C Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Input Cord Length (ft.)
0
Input Cord Length (m)
0.00
Integrated Cord Clip
No
PHYSICAL
Shipping Dimensions (hwd / in.)
1.90 x 3.80 x 6.50
Shipping Dimensions (hwd / cm)
4.83 x 9.65 x 16.51
Shipping Weight (lbs.)
0.62
Shipping Weight (kg)
0.28
Unit Dimensions (hwd / in.)
4.8 X 1.7 X 1.6
Unit Dimensions (hwd / cm)
12.19 X 4.32 X 4.06
Unit Weight (lbs.)
0.56
Unit Weight (kg)
0.25
Material of Construction
STEEL
Integrated Keyhole Mounting Slots
No
Color
Black
Anti-Microbial Protected
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com