Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSS2C Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PSSS2C
Description  Mounting Clamps for Tripp Lite PS- and SS-Series Bench-Mount Power Strips - Pack of 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PSSS2C Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PSSS2C Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PSSS2C Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Mounting Clamps for Tripp Lite PS- and SS-
Series Bench-Mount Power Strips - Pack of 2
MODEL NUMBER: PSSS2C
Clamps have built-in clips to securely mount Tripp Lite PS- and SS-series bench-mount power strips
without the need for drilling holes.
Features
C-Clamps Securely Mount Power Strips without DrillingNow it’s possible to mount Tripp Lite PS- and
SS-series bench-mount power strips without drilling into walls or workbenches. Sold in a pack of two, the
PSSS2C C-clamps attach to the edge of a desk, table, workbench or other solid, flat surface up to 2.25
inches thick. Slide the clamps onto the edge of your surface, hand tighten the adjustment knobs to secure
and then snap your power strip into the built-in mounting clips. For optimal support, use at least two
clamps for power strips 36 inches and shorter. For power strips longer than 36 inches, use an additional
clamp every 12 to 18 inches.
Add Flexibility to Power Strip InstallationsThe PSSS2C clamps are perfect for installations where
drilling mounting holes is not possible or desirable. There are no mounting fasteners, so you can
reposition the power strip installation quickly. The built-in mounting clips allow you to replace a power strip
without removing the clamps from the mounting surface. Made of heavy-duty steel, the clamps withstand
the rigors of daily use.
Retrofit Existing Installations to Improve Access to OutletsYou can change the mounting of a Tripp
Lite power strip you already own to improve access to the outlets or to avoid drilling new holes when
relocating the strip. The built-in mounting clips are designed for use with Tripp Lite PS- and SS-series
bench-mount power strips. (Compatibility with other power strips depends on the strip’s dimensions; the
mounting clips are not adjustable.)
Highlights
C-clamps fit edges up to 2.25
inches thick on desks, tables
and workbenches
q
Built-in mounting clips
accommodate Tripp Lite PS-
and SS-series power strips
q
Support for horizontal mounting;
no drilling required
q
Clamps add flexibility and
portability to new installations
and retrofits
q
Heavy-duty steel construction
provides strength and durability
q
Applications
Mount power strips to the edge
of a workbench for easy access
to outlets
q
Install power strips at a trade
show booth without drilling
q
Mount power strips to a desk
without damaging its surface
q
Package Includes
PSSS2C Mounting Clamps for
Tripp Lite Bench-Mount Power
Strips - Pack of 2
OVERVIEW
UPC Code
037332241818
OUTPUT
Right-Angle Outlets
No
INPUT
1 / 2


Similar Part No. - PSSS2C

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
9 - 25 A Switching Regulator
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSSS2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP240V33 ETC2-BP240V33 Datasheet
546Kb / 3P
External 240V Tower Battery Pack for select Tripp Lite UPS Systems
logo
Tripp Lite. All Rights ...
BP24V28-2U TRIPPLITE-BP24V28-2U Datasheet
157Kb / 3P
External 24V 2U Rack-mount Battery Pack for select Tripp Lite UPS Systems
BP24V36-2US TRIPPLITE-BP24V36-2US Datasheet
162Kb / 3P
External 24V 2U Rack-Mount Battery Pack for select Tripp Lite UPS Systems
BP192V5RT2U TRIPPLITE-BP192V5RT2U Datasheet
158Kb / 3P
External 192V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
BP480V200 TRIPPLITE-BP480V200 Datasheet
153Kb / 2P
External Battery Pack for select Tripp Lite 3- Phase UPS Systems
BP480V300 TRIPPLITE-BP480V300 Datasheet
152Kb / 2P
External Battery Pack for select Tripp Lite 3- Phase UPS Systems
BP480V370 TRIPPLITE-BP480V370 Datasheet
168Kb / 2P
External Battery Pack for Tripp Lite SVX Series 3- Phase UPS Systems
BP480V400 TRIPPLITE-BP480V400 Datasheet
152Kb / 2P
External Battery Pack for select Tripp Lite 3- Phase UPS Systems
BP480V500 TRIPPLITE-BP480V500 Datasheet
152Kb / 2P
External Battery Pack for select Tripp Lite 3-Phase UPS Systems
N2LOCK-KEY-RD TRIPPLITE-N2LOCK-KEY-RD Datasheet
162Kb / 1P
Security Key for Tripp Lite RJ45 Plug Locks and Locking Inserts, Red, 2 Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com