Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBC6A Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # RBC6A
Description  UPS Replacement Battery Cartridge for select APC UPS, 16.9-lbs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC6A Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  RBC6A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC6A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Shipping Dimensions (hwd / in.)
6.00 x 7.50 x 12.00
Shipping Weight (kg)
8.62
Shipping Weight (lbs.)
19.00
Unit Dimensions (hwd / cm)
9,4 x 19,5 x 14,9
Unit Dimensions (hwd / in.)
3.6875 x 7.6875 x 5.875
Unit Weight (kg)
7.67
Unit Weight (lbs.)
16.9
ENVIRONMENTAL
Relative Humidity
0 - 95% non-condensing
Operating Elevation (ft.)
0 - 10,000
Storage Elevation (ft.)
0 - 50,000
Operating Elevation (m)
0-3000 m
Storage Elevation (m)
0 - 15,200 m
WARRANTY
Product Warranty Period (U.S. &
Canada)
18-month limited warranty
Product Warranty Period
(International)
1-year limited warranty
Product Warranty Period (Mexico)
1-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com