Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBC6A Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # RBC6A
Description  UPS Replacement Battery Cartridge for select APC UPS, 16.9-lbs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC6A Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC6A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC6A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
UPS Replacement Battery Cartridge for select
APC UPS, 16.9-lbs.
MODEL NUMBER: RBC6A
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery set is carefully configured to meet or
exceed all of the original manufacturer specifications and ships pre-assembled and ready for installation
into your UPS system. Reusable packaging holds expired batteries for recycling center delivery.
Compatible with select UPS systems from APC and other major brands See Tripp Lite's UPS replacement
battery page to confirm compatibility and quantity required.
Features
Restore your UPS to its original runtime specifications
q
Comes pre-assembled and ready for installation into your UPS system
q
Reusable packaging holds expired batteries for recycling center delivery
q
Compatible with many brands and models, including APC models BP1000, SUVS1000, SU1000,
SU1000NET, SU1000RM, SU1000RMNET, and SUA1000
q
Highlights
Up to 30% longer runtime than
basic replacements
q
OEM certified premium batteries
q
Rugged, leakproof construction
q
Maintenance-free
q
Wide operating temperature
range
q
Package Includes
UPS battery replacement
cartridge
q
Instruction manual with
installation, recycling and
warranty information
q
OVERVIEW
UPC Code
037332118424
BATTERY
Typical Battery Lifespan
3 - 5 years, depending on host UPS operating conditions
PHYSICAL
Shipping Dimensions (hwd / cm)
15.24 x 19.05 x 30.48
1 / 2


Similar Part No. - RBC6A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
RBC62-1U TRIPPLITE-RBC62-1U Datasheet
156Kb / 2P
1U UPS Replacement 12VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC64-1U TRIPPLITE-RBC64-1U Datasheet
156Kb / 2P
1U UPS Replacement 24VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
RBC69-1U TRIPPLITE-RBC69-1U Datasheet
157Kb / 2P
1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
More results

Similar Description - RBC6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
RBC2A ETC2-RBC2A Datasheet
477Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS
logo
Tripp Lite. All Rights ...
RBC11A TRIPPLITE-RBC11A Datasheet
161Kb / 2P
UPS Replacement Battery Cartridge Kit (2 sets of 2) for select APC UPS
RBC12A TRIPPLITE-RBC12A Datasheet
162Kb / 2P
UPS Replacement Battery Cartridge Kit (2 sets of 4) for select APC UPS
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC69-1U TRIPPLITE-RBC69-1U Datasheet
157Kb / 2P
1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
RBC2A TRIPPLITE-RBC2A Datasheet
158Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS, 5.5-lbs.
RBC5A TRIPPLITE-RBC5A Datasheet
160Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS, 10.9-lbs.
RBC7A TRIPPLITE-RBC7A Datasheet
163Kb / 2P
UPS Replacement Battery Cartridge for select APC UPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com