Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR200F Datasheet(PDF) 3 Page - Fuzetec Technology Co., Ltd.

Part # FSR200F
Description  Axial Leaded PTC Resettable Fuse: FSR Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSR200F Datasheet(HTML) 3 Page - Fuzetec Technology Co., Ltd.

  FSR200F Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSR200F Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSR200F Datasheet HTML 3Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ03-101E
Product Specification and Approval Sheet Version
7
Page
3/3
NOTE : Specification subject to change without notice.
2014/9/22
6. Typical Time-To-Trip at 23℃
0.001
0.01
0.1
1
10
100
1
10
100
Fault Current (A)
A
B
C
D
E
7. Material Specification
Lead material: 0.13 mm nominal thickness, quarter-hard nickel
Insulating material:Polyester tape
8. Part Numbering and Marking System
Part Numbering System
Part Marking System
F S R □ □ □ F
Example
Warning: -Operation beyond the specified maximum ratings or improper use may result in damage and possible
electrical arcing and/or flame.
-PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent
condition and/or prolonged trip are not anticipated.
- Avoid contact of PPTC device with chemical solvent. Prolonged contact will damage the device
performance.
A =FSR120F
B =FSR175F
C =FSR200F
D =FSR350F
E =FSR420F
FSR120F
36AB
Current Rating
RoHS Compliant / Lead Free
F SR
□ □ □ F
□ □ □ □
Date Code/Lot Number
Part Identification
Product Family
Fuzetec Logo
RoHS Compliant / Lead Free



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com