Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR200F Datasheet(PDF) 1 Page - Fuzetec Technology Co., Ltd.

Part # FSR200F
Description  Axial Leaded PTC Resettable Fuse: FSR Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSR200F Datasheet(HTML) 1 Page - Fuzetec Technology Co., Ltd.

  FSR200F Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSR200F Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSR200F Datasheet HTML 3Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ03-101E
Product Specification and Approval Sheet Version
7
Page
1/3
NOTE : Specification subject to change without notice.
2014/9/22
Axial Leaded PTC Resettable Fuse: FSR Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: Rechargeable battery packs, Lithium cell and battery packs
(c) Product Features: Low profile, Solid state
(d) Operation Current: 1.2A~4.2A
(e) Maximum Voltage: 15V~30VDC
(f) Temperature Range : -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜ V:
File No. R50004084
3.
Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Rated
Voltage
Max.
Current
Typ.
Power
Resistance
RMIN
RMAX
R1MAX
IH, A
IT, A
at 5XIH, S
VMAX, VDC
IMAX, A
Pd, W
Ohms
Ohms
Ohms
FSR120F
1.20
2.70
5.0
15
100
1.2
0.085
0.160
0.220
FSR175F
1.75
3.80
5.0
15
100
1.5
0.050
0.090
0.120
FSR200F
2.00
4.40
4.0
30
100
1.9
0.030
0.060
0.100
FSR350F
3.50
6.30
3.0
30
100
2.5
0.017
0.031
0.050
FSR420F
4.20
7.60
6.0
30
100
2.9
0.012
0.024
0.040
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Maximum power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material:0.13mm nominal thickness, quarter-hard nickel.
Insulating material: Polyester tape.


Similar Part No. - FSR200F

ManufacturerPart #DatasheetDescription
logo
RFE international
FSR200F RFE-FSR200F Datasheet
111Kb / 2P
STRAP TYPE PPTC FSR Series
FSR200F RFE-FSR200F Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results

Similar Description - FSR200F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FSR120 DBLECTRO-FSR120 Datasheet
107Kb / 3P
Axial Leaded PTC FSR Series
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
Axial Leaded PTC Resettable Fuse: FLR Series
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
Axial Leaded PTC Resettable Fuse: FVL Series
FVT110F FUZETEC-FVT110F Datasheet
79Kb / 3P
Axial Leaded PTC Resettable Fuse: FVT Series
logo
RFE international
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com