Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805072
Description  MKKDSN 1,5/ 5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805072 Datasheet HTML 1Page - PHOENIX CONTACT 0805072 Datasheet HTML 2Page - PHOENIX CONTACT 0805072 Datasheet HTML 3Page - PHOENIX CONTACT 0805072 Datasheet HTML 4Page - PHOENIX CONTACT 0805072 Datasheet HTML 5Page - PHOENIX CONTACT 0805072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
MKKDSN 1,5/ 5
Order No.: 1726121
The illustration shows a 5-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1726121
 
 
PC terminal block, Nominal current: 13.5 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 5, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
025397
sales group
E020
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 61 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
18.3 mm
Pitch
5 mm


Similar Part No. - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805072 PHOENIX-0805072 Datasheet
52Kb / 2P
Marker cards - SK 5/3.8: SO (CUSTOM PRNTNG)
0805072 PHOENIX-0805072 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0805072 PHOENIX-0805072 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0805072 PHOENIX-0805072 Datasheet
161Kb / 7P
MKDS 3/ 2
0805072 PHOENIX-0805072 Datasheet
138Kb / 6P
MKDS 3/ 3
More results

Similar Description - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704719 PHOENIX-1704719 Datasheet
65Kb / 3P
MKKDSN 1,5/ 3 BU
1704720 PHOENIX-1704720 Datasheet
65Kb / 3P
MKKDSN 1,5/ 5 RD
1704721 PHOENIX-1704721 Datasheet
65Kb / 3P
MKKDSN 1,5/ 7 BG
1726053 PHOENIX-1726053 Datasheet
90Kb / 6P
PCB terminal block - MKKDSN 1,5/ 3
1726134 PHOENIX-1726134 Datasheet
89Kb / 6P
PCB terminal block - MKKDSN 1,5/ 6
1726147 PHOENIX-1726147 Datasheet
75Kb / 5P
PCB terminal block - MKKDSN 1,5/ 7
1726150 PHOENIX-1726150 Datasheet
89Kb / 6P
PCB terminal block - MKKDSN 1,5/ 8
1726176 PHOENIX-1726176 Datasheet
136Kb / 6P
PCB terminal block - MKKDSN 1,5/ 5-5,08
1726192 PHOENIX-1726192 Datasheet
154Kb / 5P
MKKDSN 1,5/ 7-5,08
1726118 PHOENIX-1726118 Datasheet
502Kb / 13P
MKKDSN 1,5/ 4 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com