Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805072 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0805072
Description  MKKDSN 1,5/ 5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805072 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0805072 Datasheet HTML 1Page - PHOENIX CONTACT 0805072 Datasheet HTML 2Page - PHOENIX CONTACT 0805072 Datasheet HTML 3Page - PHOENIX CONTACT 0805072 Datasheet HTML 4Page - PHOENIX CONTACT 0805072 Datasheet HTML 5Page - PHOENIX CONTACT 0805072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MKKDSN 1,5/ 5 Order No.: 1726121
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1726121
PHOENIX CONTACT Inc., USA
Page 2 / 6
http://www.phoenixcon.com
Jan 18, 2011
Dimension a
20 mm
Number of positions
5
Pin dimensions
0,5 x 1 mm
Hole diameter
1.3 mm
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Range of articles
MKKDSN 1,5
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
13.5 A
Nominal voltage UN
250 V
Nominal cross section
1.5 mm²
Maximum load current
13.5 A
Insulating material
PA
Inflammability class acc. to UL 94
V0
Internal cylindrical gage
A1
Stripping length
6 mm
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
10 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
10 A
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com