Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1728811 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1728811
Description  PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1728811 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1728811 Datasheet HTML 1Page - PHOENIX CONTACT 1728811 Datasheet HTML 2Page - PHOENIX CONTACT 1728811 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1728811
11/03/2014   Page 1 / 3
PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ - 1728811
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 125 A, Nom. voltage: 1000 V, Pitch: 15 mm, Number of positions: 3,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
green
Key commercial data
Packing unit
1 pc
Minimum order quantity
25 pc
Weight per Piece (excluding packing)
65.29 GRM
Custom tariff number
85369010
Country of origin
Bulgaria
Technical data
Dimensions
Length
31 mm
Pitch
15 mm
Dimension a
30 mm
Pin dimensions
1,2 x 1,2 mm
Hole diameter
1.6 mm
General
Range of articles
MKDSP 25
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV
Rated surge voltage (II/2)
8 kV
Rated voltage (III/3)
1000 V
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
125 A
Nominal cross section
35 mm²
Solder pin surface
Sn
Internal cylindrical gage
B7
Stripping length
18 mm
Number of positions
3
Screw thread
M5


Similar Part No. - 1728811

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1728810000 WEIDMULLER-1728810000 Datasheet
93Kb / 4P
PCB connection systems
1728810000 WEIDMULLER-1728810000 Datasheet
389Kb / 4P
S2L 3.50/10/180G 3.5SN OR BX
1728810000 WEIDMULLER-1728810000 Datasheet
93Kb / 4P
S2L 3.5/18/180G3.5AU OR
1728810000 WEIDMULLER-1728810000 Datasheet
93Kb / 4P
S2L 3.5/20/180G3.5AU OR
More results

Similar Description - 1728811

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1932591 PHOENIX-1932591 Datasheet
112Kb / 6P
PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
1714036 PHOENIX-1714036 Datasheet
89Kb / 7P
PCB terminal block - MKDSP 3/ 3
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
PCB terminal block - MKDSP 3/ 3-5,08
1728714 PHOENIX-1728714 Datasheet
46Kb / 3P
PCB terminal block - MKDSP 25/ 5-15,00 BD:NZ
1730023 PHOENIX-1730023 Datasheet
126Kb / 6P
PCB terminal block - MKDSP 1,5/ 3
1932504 PHOENIX-1932504 Datasheet
85Kb / 5P
PCB terminal block - MKDSP 25/ 3-15.00-F
1932588 PHOENIX-1932588 Datasheet
94Kb / 6P
PCB terminal block - MKDSP 25/ 2-15.00
1932601 PHOENIX-1932601 Datasheet
94Kb / 6P
PCB terminal block - MKDSP 25/ 4-15.00
1932614 PHOENIX-1932614 Datasheet
172Kb / 12P
PCB terminal block - MKDSP 25/ 5-15,00
09/12/2020
1932627 PHOENIX-1932627 Datasheet
551Kb / 17P
PCB terminal block - MKDSP 25/ 6-15,00
Jan 10, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com