Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1728811 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1728811
Description  PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1728811 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1728811 Datasheet HTML 1Page - PHOENIX CONTACT 1728811 Datasheet HTML 2Page - PHOENIX CONTACT 1728811 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/1728811
11/03/2014   Page 2 / 3
PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ - 1728811
Technical data
General
Tightening torque, min
2.5 Nm
Tightening torque max
4.5 Nm
Connection data
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
35 mm²
Conductor cross section stranded min.
0.5 mm²
Conductor cross section stranded max.
35 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
1 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 35 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
35 mm²
Conductor cross section AWG/kcmil min.
20
Conductor cross section AWG/kcmil max
2
2 conductors with same cross section, solid min.
0.5 mm²
2 conductors with same cross section, solid max.
6 mm²
2 conductors with same cross section, stranded min.
0.5 mm²
2 conductors with same cross section, stranded max.
6 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
4 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
6 mm²
Classifications
eCl@ss
eCl@ss 4.0
27141109
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190
eCl@ss 5.1
27141190
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440401



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com