Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1102AI2-T Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC1102AI2-T
Description  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1102AI2-T Datasheet(HTML) 2 Page - Microchip Technology

  DSC1102AI2-T Datasheet HTML 1Page - Microchip Technology DSC1102AI2-T Datasheet HTML 2Page - Microchip Technology DSC1102AI2-T Datasheet HTML 3Page - Microchip Technology DSC1102AI2-T Datasheet HTML 4Page - Microchip Technology DSC1102AI2-T Datasheet HTML 5Page - Microchip Technology DSC1102AI2-T Datasheet HTML 6Page - Microchip Technology DSC1102AI2-T Datasheet HTML 7Page - Microchip Technology DSC1102AI2-T Datasheet HTML 8Page - Microchip Technology DSC1102AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DSC1102/22
DS20006254A-page 2
 2019 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage .................................................................................................................................... –0.3V to VDD + 0.3V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (MM) ............................................................................................................................................... 400V
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.25
—
3.63
V
—
Supply Current
IDD
—
—
0.095
mA
DSC1102, EN pin low,
Output is disabled
—
20
22
DSC1122, EN pin low,
Output is disabled
Frequency Stability
Δf
—
—
±10
ppm
Includes frequency variation
due to initial tolerance,
temp., and power supply
voltage.
—
—
±20
—
—
±25
—
—
±50
Aging - First Year
ΔfY1
—
—
±5
ppm
One year at +25°C
Aging - After First Year
ΔfY2+
—
—
<±1
ppm/yr
Year two and beyond at
+25°C
Start-up Time (Note 2)
tSU
—
—
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
—
—
V
Input logic high
VIL
—
—
0.25 x VDD
Input logic low
Output Disable Time (Note 3)
tDA
—
—
5
ns
—
Output Enable Time
tEN
—
—
5
ms
DSC1102
—
—
20
ns
DSC1122
Enable Pull-Up Resistor
(Note 4)
RPU
—
40
—
kΩ
Pull-up resistor exists
LVPECL Outputs
Supply Current
IDD
—
56.5
58
mA
Output Enabled, RL = 50Ω
Output Logic Levels
VOH
VDD – 1.08
—
—
V
Output logic high, RL = 50Ω
VOL
—
—
VDD – 1.55
Output logic low
Peak-to-Peak Output Swing
—
—
800
—
mV
Single-Ended
Note 1: Pin 6 VDD should be filtered with a 0.1 μF capacitor.
2: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
3: Output Waveform and Test Circuit figures below define the parameters.
4: Output is enabled if pad is floated or not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com