Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1102AI2-T Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC1102AI2-T
Description  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1102AI2-T Datasheet(HTML) 1 Page - Microchip Technology

  DSC1102AI2-T Datasheet HTML 1Page - Microchip Technology DSC1102AI2-T Datasheet HTML 2Page - Microchip Technology DSC1102AI2-T Datasheet HTML 3Page - Microchip Technology DSC1102AI2-T Datasheet HTML 4Page - Microchip Technology DSC1102AI2-T Datasheet HTML 5Page - Microchip Technology DSC1102AI2-T Datasheet HTML 6Page - Microchip Technology DSC1102AI2-T Datasheet HTML 7Page - Microchip Technology DSC1102AI2-T Datasheet HTML 8Page - Microchip Technology DSC1102AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2019 Microchip Technology Inc.
DS20006254A-page 1
DSC1102/22
Features
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±10 ppm, ±20 ppm, ±25 ppm,
±50 ppm
• Wide Temperature Range
- Ext. Industrial: –40°C to +105°C
- Industrial: –40°C to +85°C
- Ext. Commercial: –20°C to +70°C
• High Supply Noise Rejection: –50 dBc
• Wide Frequency Range: 2.3 MHz to 460 MHz
• Small Industry Standard Footprints:
- 2.5 mm x 2.0 mm, 3.2 mm x 2.5 mm,
5.0 mm x 3.2 mm, and 7.0 mm x 5.0 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Low Current Consumption
• Supply Range of 2.25V to 3.63V
• Standby and Output Enable Function
• Lead Free and RoHS Compliant
• LVDS and HCSL Versions Available
Applications
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON, GPON, 10G-GPON
• Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FCoE
• HD/SD/SDI Video and Surveillance
General Description
The DSC1102 and
DSC1122 series of
high
performance oscillators utilizes a proven silicon MEMS
technology to provide excellent jitter and stability over
a wide range of supply voltages and temperatures. By
eliminating the need for quartz or SAW technology,
MEMS oscillators significantly enhance reliability and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
communications, storage, and networking applications.
DSC1102 has a standby feature allowing it to
completely power down when EN pin is pulled low;
whereas for DSC1122, only the outputs are disabled
when EN is low. Both oscillators are available in
industry standard packages, including the smallest
2.5 mm x 2.0 mm, and are drop-in replacements for
standard 6-pin LVPECL quartz crystal oscillators.
Block Diagram
TEMP SENSOR &
COMPENSATION
CIRCUITRY
MEMS
OSCILLATOR
PLL
DIVIDER
DRIVER
Pin 1
ENABLE
Pin 2
NC
Pin 3
GND
Pin 6
V
DD
Pin 5
OUTPUT
Pin 4
OUTPUT
TABLE 1:
OUTPUT ENABLE MODES
EN Pin
DSC1102
DSC1122
High
Outputs Active
Outputs Active
NC
Outputs Active
Outputs Active
Low
Standby
Outputs Disabled
Low-Jitter Precision LVPECL Oscillator


Similar Part No. - DSC1102AI2-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1102AI2 MICREL-DSC1102AI2 Datasheet
599Kb / 7P
Low-Jitter Precision LVPECL Oscillator
More results

Similar Description - DSC1102AI2-T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
Low Jitter LVPECL Crystal Oscillator
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
Low-Jitter Precision LVPECL Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
Low Jitter LVPECL Clock Oscillator
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
Low Jitter LVPECL Crystal Oscillator
logo
Micrel Semiconductor
DSC2022 MICREL-DSC2022 Datasheet
636Kb / 6P
Low-Jitter Configurable Dual LVPECL Oscillator
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
Low-Jitter Configurable LVPECL Oscillator
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
Low-Jitter Configurable LVDS-LVPECL Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
Programmable Low-Jitter Precision LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com