Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2ABG Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # RS2ABG
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

RS2ABG Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  RS2ABG Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RS2ABG Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RS2ABG Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS2ABG THRU RS2MBG
Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Ampere
https://www.microdiode.com
Rev:2019A0
Page :1
Features
SURFACE MOUNT FAST RECOVERY RECTIFIER
 The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
 Idea for printed circuit board
 Open Junction chip
 Low reverse leakage
 High forward surge current capability
 High temperature soldering guaranteed:
250℃/ 10 seconds at terminals
 Glass passivated chip junction
Mechanical Data
Case
: JEDEC DO-214AA/SMB Molded plastic body
Terminals
: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity
: Polarity symbol marking on body
Mounting Position
:Any
Weight
: 0.002 ounce, 0.055 grams
Maximum Ratings And Electrical Characteristics
Dimensions in inches and (millimeters)
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Parameter
SYMBOLS
RS2ABG RS2BBG RS2DBG RS2GBG RS2JBG RS2KBG RS2MBG
UNITS
Marking Code
MDD
RS2A
B
MDD
RS2B
B
MDD
RS2D
B
MDD
RS2G
B
MDD
RS2J
B
MDD
RS2K
B
MDD
RS2M
B
Maximum repetitive peak reverse voltage
VRMM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TL=90℃
I(AV)
2.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
60
A
Maximum instantaneous forward voltage at 2.0A
VF
1.30
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
5.0
100.0
μA
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
Typical junction capacitance (NOTE 2)
CJ
28.0
pF
Typical thermal resistance (NOTE 3)
RJA
60.0
℃/
W
Operating junction and storage temperature range TJ,TSTG
-55to+150
℃
Note:
1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.P.C.B. mounted with 2.0x2.0”(5x5cm) copper pad areas
3.The typical data above is for reference only.
DN:T19704A0
DO-214AA/SMB
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
0.08
6 (2.20)
0.07
1 (1.80)
0.18
5(4.70)
0.160(4.06)
0.155(3.94)
0.130(3.30)


Similar Part No. - RS2ABG

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
RS2ABG CHENDA-RS2ABG Datasheet
819Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SHIKUES Electronics
RS2ABG SKTECHNOLGY-RS2ABG Datasheet
420Kb / 3P
Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS2ABG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com