Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2ABG Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # RS2ABG
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

RS2ABG Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  RS2ABG Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RS2ABG Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RS2ABG Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS2ABG THRU RS2MBG
Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Ampere
https://www.microdiode.com
Rev:2019A0
Page :2
Ratings And Characteristic Curves
Fig.1 Forward Current Derating Curve
Fig.2 Typical Reverse Characteristics
3.0
2.5
2.0
1.5
100
10
1.0
0.5
0.0
25
50
75
100
125
150
175
1.0
0.1
00
20
40
60
80
100 120
140
Case Temperature (
°C)
percent of Rated Peak Reverse Voltage (%)
10
1.0
0.1
Fig.3 Typical Instaneous Forward
Characteristics
100
10
Fig.4 Typical Junction Capacitance
0.01
0.0
0.5
1.0
1.5
2.0
2.5
1
0.1
1.0
10
100
Instaneous Forward Voltage (V)
Reverse Voltage (V)
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
70
60
50
40
30
20
10
00
1
10
100
Number of Cycles
The curve above is for reference only.
TJ=25
°C
pulse with 300μs
1% duty cycle
TJ=25
°C
TJ=125
°C
8.3 ms Single Half Sine Wave
(JEDEC Method)
Single phase half-wave 60 Hz
resistive or inductive load
TJ=25
°C
TJ=25
°C
f= 1.0MHz
Vsig =50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com