Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL35C Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL35C
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL35C Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL35C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL35C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL35C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
DN:T19718A0
https://www.microdiode.com
Rev:2019A0
Page :1
Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Ampere
SL32C THRU SL310C
Mechanical Data
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Case : JEDEC DO-214AB/SMC Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.002ounce, 0.055 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
UNITS
Marking Code
MDD
SL32
C
MDD
SL33
C
MDD
SL34
C
MDD
SL35
C
MDD
SL36
C
MDD
SL38
C
MDD
SL310
C
Maximum repetitive peak reverse voltage
VRMM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
at TL=90℃
I(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
100
A
Maximum instantaneous forward voltage at 3.0A
VF
0.45
0.50
0.70
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
0.5
20.0
0.2
10.0
μA
Typical junction capacitance (NOTE 2)
CJ
500
300
pF
Typical thermal resistance (NOTE 3)
RJA
55.0
℃/
W
Operating junction and storage temperaturerange TJ,TSTG
-55to+150
℃
Dimensions in inches and (millimeters)
DO-214AB/SMC
0.060(1.52)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.103(2.62)
0.079(2.06)
0.
126 (3.20)
0.
114 (2.90)
0.
280(7.11)
0.
260(6.60)
0.
245(6.22)
0.
220(5.59)
SL32
C SL33C SL34C SL35C SL36C SL38C SL310C
Note:
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0x2.0”(5.0x5.0cm) copper pad areas.
3.The typical data above is for reference only.


Similar Part No. - SL35C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL35C GOOD-ARK-SL35C Datasheet
206Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
SL35C CHENDA-SL35C Datasheet
262Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SL35C FS-SL35C Datasheet
187Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL35C

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL32A CHENDA-SL32A_V01 Datasheet
817Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL34F CHENDA-SL34F_V01 Datasheet
2Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL36F CHENDA-SL36F_V01 Datasheet
1Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL54F CHENDA-SL54F_V01 Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL210F CHENDA-SL210F_V01 Datasheet
821Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL510F CHENDA-SL510F Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL22B CHENDA-SL22B_V01 Datasheet
815Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL32B CHENDA-SL32B_V01 Datasheet
988Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52B CHENDA-SL52B_V01 Datasheet
904Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52C CHENDA-SL52C_V01 Datasheet
920Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com