Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL35C Datasheet(PDF) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SL35C
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SL35C Datasheet(HTML) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SL35C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL35C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SL35C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packing information
https://www.microdiode.com
Rev:2019A0
Page :3
Important Notice and Disclaimer
Microdiode Electronics (Jiangsu) reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the latest product information and
specifications before final design,purchase or use.
Microdiode Electronics (Jiangsu) makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, not does Microdiode Electronics (Jiangsu) assume any liability for application
assistance or customer product design. Microdiode Electronics (Jiangsu) does not warrant or accept any liability with
products which are purchased or used for any unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of Microdiode
Electronics (Jiangsu).
Microdiode Electronics (Jiangsu) products are not authorized for use as critical components in life support
devices or systems without express written approval of Microdiode Electronics (Jiangsu).
Suggested Pad Layout
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Reel packing
Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Ampere
SL32C THRU SL310C
Item
Tolerance
S
MC
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
13" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D1
D2
Symbol
0.1
0.1
0.1
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
2.0
unit:mm
1.50
1.75
7.50
8.00
4.00
2.00
0.
25
6.15
8.41
2.42
W1
Reel width
330.00
50.00
13.00
16.00
16.50
0.05
S
MC
13"
3,000
4.0
6000
190*190*41
330
365*365*340
42000
14.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(mm)
(mm)
(mm)
(pcs)
(mm)
(pcs)
0.
150
0.
472
Symbol
Unit (mm)
A
C
D
0.
160
12
3.8
E
B
Unit (inch)
0.
311
4.1
0.
170
4.3
7.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com