Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2006H Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MS2006H
Description  DC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MS2006H Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MS2006H Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
06.27.17
MS2006 series
(20 x 20 x 6.5 mm)
0.79 x 0.79 x 0.26 inches
Features:
reverse polarity protection
Operating Voltage: 12 VDC
Construction:
UL94V-0 plastic impeller
and frame
Bearing option:
sleeve or FDB bearing
Motor:
brushless DC
Air Flow:
air exhaust over struts
Model No.
Rated
Voltage
VDC
Current
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
MS2006M
12
0.04
8,000
0.022
0.79
2.00
0.08
21
3.5
MS2006H
12
0.06
10,000
0.027
0.95
2.25
0.09
26
3.5
MS2006E
12
0.10
12,000
0.032
1.12
2.75
0.11
31
3.5
0.12
0.03
0.06
0.09
0
0.5
1.0
AIR VOLUME (CFM)
1.5
M
H
E
0.26 ±0.01
(6.5 ±0.2)
0.79 ±0.01
(20.0 ±0.3)
0.63 ±0.01
(16.0 ±0.15)
3x
0.09 ±0.01
(Ø2.40 ±0.15)


Similar Part No. - MS2006H

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
MS200 KINGSTON-MS200 Datasheet
524Kb / 2P
Save space, time and money.
logo
Lorlin Electronics Ltd.
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
logo
Sensata Technologies, I...
MS2000 SENSATA-MS2000 Datasheet
173Kb / 3P
PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
Rev: 07/20/19
logo
Glenair, Inc.
MS20026 GLENAIR-MS20026 Datasheet
60Kb / 1P
Military Standard Connector Index
MS20027 GLENAIR-MS20027 Datasheet
60Kb / 1P
Military Standard Connector Index
More results

Similar Description - MS2006H

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com