Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-RU0402TS-BC-B1 Datasheet(PDF) 5 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-RU0402TS-BC-B1
Description  The Colour LED which was fabricated using a red chipPackage Dimension
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-RU0402TS-BC-B1 Datasheet(HTML) 5 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

  RF-RU0402TS-BC-B1 Datasheet HTML 1Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 2Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 3Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:5
REFOND:WI-E-045
A/3
REV:E/0
TG-201906251338NP
1.5 Product Parameters
Table 1-1 Electrical / Optical Characteristics at Ts=25°C
Notes
: VR=5V
For test conditions. VR=5V
Item
Test
Condition
Symbol
Value
Unit
Min.
(
)
Typ.
Max.
Spectral Half Bandwidth
IF=5mA
△ λ
--
15
--
nm
Forward Voltage
IF=5mA
VF
A2
1.7
--
1.8
V
B1
1.8
--
1.9
V
B2
1.9
--
2.0
V
C1
2.0
--
2.1
V
C2
2.1
--
2.2
V
D1
2.2
--
2.3
V
D2
2.3
--
2.4
V
Dominant Wavelength
IF=5mA
λD
F00
625.0
--
630.0
nm
G00
630.0
--
635.0
nm
H00
635.0
--
640.0
nm
Luminous Intensity
IF=5mA
IV
A00
8
--
12
mcd
B00
12
--
18
mcd
C00
18
--
28
mcd
D00
28
--
43
mcd
E00
43
--
65
mcd
Viewing Angle
IF=5mA
2θ1/2
--
140
--
deg
Reverse Current
VR=5V
IR
--
--
10
A
Thermal Resistance.
IF=5mA
RTHJ-S
--
--
450
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com