Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-RU0402TS-BC-B1 Datasheet(PDF) 11 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-RU0402TS-BC-B1
Description  The Colour LED which was fabricated using a red chipPackage Dimension
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-RU0402TS-BC-B1 Datasheet(HTML) 11 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RF-RU0402TS-BC-B1 Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 10Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RU0402TS-BC-B1 Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:11
REFOND:WI-E-045
A/3
REV:E/0
TG-201906251338NP
Top
Tape
FEEDING DIRECTION
Polarity
Mark
2.00
[0.079]
4.00
[0.157]
1.55
[0.061]
0.58
[0.023]
0.61
[0.024]
2. Packaging
2.1 Packaging Specification
Package:4000pcs/reel.
4000pcs
2.1.1 Carrier Tape Dimension
Fig.2-1 Carrier Tape Dimension
2.1.2 Reel Dimension
Table 2-1 Dimension
Fig.2-2 Reel Dimension
Notes
The tolerances unless mentioned ±0.1mm. Unit : mm
A
8.0
0.1mm
B
178
1mm
C
60
1mm
D
13.0
0.5mm
Label 标签
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com