Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSA Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BSA
Description  High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSA Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BSA Datasheet HTML 1Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
Achieved high efficiency at a low price !
1A/2.2A/6A BSA Series
High Efficiency, Low Price Step-Down DC-DC Converter
Input: +3.3V, +5V
Output: +1.8V (+1.0V to +3.3V)
Input: +12V, +15V, +24V
Output: +3.3V (+3V to +5V)
Input: +24V
Output: +12V (+9V to +12V)
- High Efficiency (82%-91%)
Models
Input V
Output V
Output I
Line Reg Load Reg Ripple/Noise Efficiency
- Ultra Small Size
BSA Series
Vdc
Vdc
A
%(typ.)
%(typ.) mVpp(typ.) %(typ.)
- Adopted Original MCM
BSA03-1.8S6R0
3.3
1.8
- MTBF 1,000,000Hrs
BSA03-1.8S6R0-D
(3-5.5)
(1-3.3)
- Low Price
BSA24-3.3S2R2
24
3.3
0-1.8
- Simple Structure
BSA24-3.3S2R2-D
(9-36)
(3-5)
(0-2.2)
- Over-Heat Protection
BSA24-12S1R0
24
12
0-0.75
- Over-Current Protection
BSA24-12S1R0-D
(18-36)
(9-12)
(0-1)
- Easy to Use SIP, DIP Type
Note 1: For DIP type add a suffix "D".
- Adjustable Output Voltage
Note 2: External capacitors are required.
- Non-Isolated Type Converter
Note 3: The output voltage inside the ( ) indicates the adjustable range.
- Heat Sink Not Required
Note 4: The output current inside the ( ) indicates the value with air flow cooling.
- Long Life, High Reliability
Note 5: The BSA03 has requirements for input/ output voltage differences. Depending on conditions, air flow
- Operating Temp Range
Note 5: cooling maybe required.
-20°C to +70°C
(Temp Derating Required)
BSA24 series
<Outline> (BSA03 SIP type)
(BSA03 DIP type)
- Operating Temp Range
-30°C to +85°C
(-30°C to -20°C :
Startup guaranteed)
(Temp Derating Required)
BSA03 series
- RoHS Compliance
(BSA24 SIP type)
(BSA24 DIP type)
- Note!
This catalogue is an outline of the products.
When designing, be sure to refer to the
data sheets.
DC-DC CONVERTERS
BDD2008.12A
BSA03
BSA24
1
100
91
1.5
86
1.5
1
50
82
0-6
1
1
30
1ON/OFF
13-18
12
9-11
5-8
2-4
NC
V.adj
+Vout
GND
+Vin
Function
pin
*13-18pin: For DIP type.
Weight: 9g typ.
Units: mm
Weight: 7g typ.
Units: mm
Weight: 9g typ.
Units: mm
Weight: 7g typ.
Units: mm
RoHS
Compliance
0.5
2.54×11=27.94
38(+0.8/-0.5)
112
13
18
29
0.25
4.2typ.
t
1.0
2.0typ.
7.2typ.
38(+0.8/-0.5)
112
2.54×11=27.94
0.5
29
0.25
1.0typ.
t1.0
3.5typ.
5.5typ.
38(+0.8/-0.5)
1
12
BSA03-1.8S6R0
Bellnix
2.54×11=27.94
212
0.5
2.54×11=27.94
38(+0.8/-0.5)
112
BSA03-1.8S6R0-D
13
18
Bellnix
212
1ON/OFF
13-18
12
9-11
5-8
2-4
NC
V.adj
+Vout
GND
+Vin
Function
pin
*13-18pin: For DIP type.


Similar Part No. - BSA

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BSA05-2.5S1R2 BELLNIX-BSA05-2.5S1R2 Datasheet
457Kb / 9P
High Efficiency, Smallm Low price, Step-Down DC-DC Converter
BSA05-2.5S1R2-D BELLNIX-BSA05-2.5S1R2-D Datasheet
457Kb / 9P
High Efficiency, Smallm Low price, Step-Down DC-DC Converter
logo
Pulse A Technitrol Comp...
BSA118B PULSE-BSA118B Datasheet
310Kb / 2P
BASE STATION ANTENNAS
BSA132B PULSE-BSA132B Datasheet
310Kb / 2P
BASE STATION ANTENNAS
BSA150B PULSE-BSA150B Datasheet
310Kb / 2P
BASE STATION ANTENNAS
More results

Similar Description - BSA

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Bellnix Co.,Ltd.
BSI-24 BELLNIX-BSI-24 Datasheet
190Kb / 1P
High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSI-MINI BELLNIX-BSI-MINI Datasheet
224Kb / 1P
Ultra High Efficiency, Ultra Small Size, Non-Isolated Type POL DC-DC Converter
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU-1.8S3R0 BELLNIX-BSU-1.8S3R0 Datasheet
1Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com